Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFL1008C-R27 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # CFL1008C-R27
Description  CERAMIC CHIP INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

CFL1008C-R27 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  CFL1008C-R27 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. CFL1008C-R27 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. CFL1008C-R27 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. CFL1008C-R27 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
CERAMIC CHIP INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
CFL1008C TYPE
●FEATURE
1. High frequency
2. Highest possible SRF as well as excellent Q values
●Applications
1. Pager, Cordless phone and High freq. communication products
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A(Max)
B(Max)
C(Max)
D
F
G
D1
D2
D3
CFL1008C
2.92
2.79
2.03
1.30
0.55
1.60
3.30
1.27
2.90
Note1. Measurement equipment of electrical : HP E4991A
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Inductance tolerance: B: ±0.2nH ; S: ±0.3nH ; G: ±2% ; J: ±5% ; K: ±5%
Note4. Ordering code : Part number + Inductance tolerance + custormer code(if necessary)
Note5. Customer code:T1: CFL1008C can use no wire cross over when over 470nH
Note5. This specification might be changed without notice due to under developing and improving.
Thank you for your understanding.
ELECTRODE TERMINAL
D1
D3
D2


Similar Part No. - CFL1008C-R27

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CFL1206C FENGJUI-CFL1206C Datasheet
315Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
CFL1206C-10N FENGJUI-CFL1206C-10N Datasheet
315Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
CFL1206C-12N FENGJUI-CFL1206C-12N Datasheet
315Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
CFL1206C-15N FENGJUI-CFL1206C-15N Datasheet
315Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
CFL1206C-1R0 FENGJUI-CFL1206C-1R0 Datasheet
315Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
More results

Similar Description - CFL1008C-R27

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505_MDS BOURNS-CI100505_MDS Datasheet
968Kb / 1P
Ceramic Chip Inductor
logo
FENGJUI TECHNOLOGY CO.,...
CFL0402C FENGJUI-CFL0402C Datasheet
181Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
CFL0603C FENGJUI-CFL0603C Datasheet
176Kb / 5P
CERAMIC CHIP INDUCTOR-RoHS
CFL0805C FENGJUI-CFL0805C Datasheet
173Kb / 5P
CERAMIC CHIP INDUCTOR-RoHS
CFL1206C FENGJUI-CFL1206C Datasheet
315Kb / 4P
CERAMIC CHIP INDUCTOR-RoHS
CFL161010CF FENGJUI-CFL161010CF Datasheet
152Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL201212SF FENGJUI-CFL201212SF Datasheet
259Kb / 4P
FERRITE CHIP INDUCTOR-RoHS
CFL252018CF FENGJUI-CFL252018CF Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018SF FENGJUI-CFL252018SF Datasheet
150Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL322522SF FENGJUI-CFL322522SF Datasheet
144Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com