Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS1663X Datasheet HTML 18Page - Texas Instruments TPS1663X Datasheet HTML 19Page - Texas Instruments TPS1663X Datasheet HTML 20Page - Texas Instruments TPS1663X Datasheet HTML 21Page - Texas Instruments TPS1663X Datasheet HTML 22Page - Texas Instruments TPS1663X Datasheet HTML 23Page - Texas Instruments TPS1663X Datasheet HTML 24Page - Texas Instruments TPS1663X Datasheet HTML 25Page - Texas Instruments TPS1663X Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
IMON
VIN
VOUT
IIN
22
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 26. IMON Response During a Load Step
The IMON pin must not have a bypass capacitor to avoid delay in the current monitoring information.
9.3.7 FAULT Response (FLT)
The FLT open-drain output asserts (active low) under the faults events such as undervoltage, overvoltage,
overload, power limiting, ILIM pin short and thermal shutdown conditions. The device is designed to eliminate
false reporting by using an internal "de-glitch" circuit for fault conditions without the need for an external circuitry.
FLT can be left open or connected to GND when not used.
9.3.8 Power Good Output (PGOOD)
The devices feature an open drain Power good (PGOOD) indicator output. PGOOD can be used for enable-
disable control of the downstream loads like DC-DC converters. PGOOD goes high when the internal FET’s gate
is enhanced. It goes low when the internal FET turns OFF during a fault event or when SHDN is pulled low.
There is a deglitch of 11.5 msec (typical), tPGOODR at the rising edge and 10 msec (typical), tPGOODF on falling
edge. PGOOD is a rated for 60 V and can be pulled to IN or OUT through a resistor.
9.3.9 IN, P_IN, OUT and GND Pins
Connect a minimum of 0.1-µF capacitor across IN and GND. Connect P_IN and IN together. Do not leave any of
the IN and OUT pins un-connected.
9.3.10 Thermal Shutdown
The device has a built-in overtemperature shutdown circuitry designed to protect the internal FET, if the junction
temperature exceeds T(TSD), 165°C (typical). After the thermal shutdown event, depending upon the mode of fault
response configured as shown inTable 1, the device either latches off or commences an auto-retry cycle of 648
msec (typical), t(TSD_retry) after TJ < [T(TSD) – 11°C]. During the thermal shutdown, the fault pin FLT pulls low to
indicate a fault condition.
9.3.11 Low Current Shutdown Control (SHDN)
The internal and the external FET and hence the load current can be switched off by pulling the SHDN pin below
0.8-V threshold with a micro-controller GPIO pin or can be controlled remotely with an opto-isolator device. The
device quiescent current reduces to 21 μA (typical) in shutdown state. To assert SHDN low, the pull down must
have sinking capability of at least 10 µA. To enable the device, SHDN must be pulled up to atleast 2 V. Once the
device is enabled, the internal FET turns on with dVdT mode.Figure 27 and Figure 28 illustrate the performance
of SHDN control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com