Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI506BZ Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PI506BZ
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PI506BZ Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PI506BZ Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PI506BZ Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PI506BZ Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PI506BZ Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV 0.9
2
C-49-5
N-Channel Enhancement Mode
Field Effect Transistor
PI506BZ
TO-251(IS)
Halogen-Free & Lead-Free
NIKO-SEM
Forward Transconductance
1
gfs
VDS = 10V, ID = 20A
80
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 15V, f = 1MHz
1800
pF
Output Capacitance
Coss
270
Reverse Transfer Capacitance
Crss
226
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
0.9
Ω
Total Gate Charge
2
Qg
VGS=10V
VDS = 15V, ID = 20A
43.3
nC
VGS=4.5V
22.9
Gate-Source Charge
2
Qgs
6.2
Gate-Drain Charge
2
Qgd
11.3
Turn-On Delay Time
2
td(on)
VDS = 15V
ID  20A, VGS = 10V, RGEN =6Ω
25
nS
Rise Time
2
tr
24
Turn-Off Delay Time
2
td(off)
99
Fall Time
2
tf
57
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
3
IS
68
A
Forward Voltage
1
VSD
IF = 20A, VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 20A, dlF/dt = 100A / S
21
nS
Reverse Recovery Charge
Qrr
12
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 40A.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com