Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFL0402C-R12 Datasheet(PDF) 3 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # CFL0402C-R12
Description  CERAMIC CHIP INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

CFL0402C-R12 Datasheet(HTML) 3 Page - FENGJUI TECHNOLOGY CO., LTD.

  CFL0402C-R12 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. CFL0402C-R12 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. CFL0402C-R12 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. CFL0402C-R12 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
CERAMIC CHIP INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
Part Number
L(nH)/@MHz
Inductance
tolerance
Q min
@250MHz
SRF(MHz)
min.
DCR
(ΩMax)
IDC(mA)
(Max)
CFL0402C-33N□
33 / 250
G,J,K
24
2350
0.440
400
CFL0402C-36N□
36 / 250
G,J,K
24
2350
0.440
320
CFL0402C-39N□
39 / 250
G,J,K
25
2100
0.550
200
CFL0402C-40N□
40 / 250
G,J,K
24
2240
0.440
320
CFL0402C-43N□
43 / 250
G,J,K
25
2030
0.810
100
CFL0402C-47N□
47 / 200
G,J,K
20
2100
0.830
150
CFL0402C-51N□
51 / 200
G,J,K
25
1750
0.820
100
CFL0402C-56N□
56 / 200
G,J,K
22
1760
0.970
100
CFL0402C-68N□
68 / 200
G,J,K
22
1620
1.120
100
CFL0402C-82N□
82 / 150
J,K
20
1260
1.550
50
CFL0402C-R10□
100 / 150
G,J,K
20
1160
2.000
30
CFL0402C-R12□
120 / 150
G,J,K
20
1900
2.200
50
●Electrical curve
L VS FREQUENCY
Q VS FREQUENCY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com