Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6927 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM6927
Description  1200 bps Single Chip FSK MODEM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6927 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM6927 Datasheet HTML 14Page - OKI electronic componets MSM6927 Datasheet HTML 15Page - OKI electronic componets MSM6927 Datasheet HTML 16Page - OKI electronic componets MSM6927 Datasheet HTML 17Page - OKI electronic componets MSM6927 Datasheet HTML 18Page - OKI electronic componets MSM6927 Datasheet HTML 19Page - OKI electronic componets MSM6927 Datasheet HTML 20Page - OKI electronic componets MSM6927 Datasheet HTML 21Page - OKI electronic componets MSM6927 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
¡ Semiconductor
MSM6927/6947
18/31
Demodulated Bit Characteristics
Timing Characteristics
1. MSM6927
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
RS/CS Delay Time
ms
205
200
195
TRC ON
RS1 = "0"
Æ CS = "0"
(VA = 12 V ±10%, VD = 5 V ±5%, Ta = 0 to 70°C)
TS1
TS2
00
35
30
25
01
75
70
65
10
External delay timer
11
RS1 = "1"
Æ CS = "1"
TRC OFF
0.5
—
0
**
25
—
10
00
25
—
10
01
25
—
10
10
External delay timer
11
CD/ON Delay Time
TCD ON
—
15
—
5
00
15
—
5
01
15
—
5
10
External delay timer
11
CD/OFF Delay Time
TCD OF
—
Soft Turn-OFF Time
TST
**
—
10
—
—
155
150
145
00
155
150
145
01
45
40
35
10
External delay timer
Receive Data Squelch Delay Time
TSQ
SQ = "0"
11
RS1 = "1"
Æ RD = "1"
Hold
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
Peak Intersymbol Distortion
%
—
9
—
ID
Back-to-back over input
signal range –6 to –40 dBm.
511-bit test pattern.
(VA = 12 V ±10%, VD = 5 V ±5%, Ta = 0 to 70°C)
8 dB
11 dB
S/N
Back-to-backwith
0.3 to 3.4 kHz
flat noise.
Receive signal
level –25 dBm.
511-bit test pattern
Bit Error Rate
—
10–3
—
BER
—
10–5
—
Refer to Fig. 7
Notes: *: Irrespective of I/O condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com