Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSN03R034S Datasheet(PDF) 4 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # MSN03R034S
Description  30V N-Channel Trench MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

MSN03R034S Datasheet(HTML) 4 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  MSN03R034S Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd MSN03R034S Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd MSN03R034S Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd MSN03R034S Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd MSN03R034S Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd MSN03R034S Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Characteristics (Continued)
1.8
100
1.6
1
1.2
1.4
※Notes:
1V
10V
20
40
60
80
※Notes:
ID=24A
Tj=25 ℃
Figure 7. On-Resistance Variation with
Gate to Source Voltage
Figure 8. On-Resistance Variation
vs Temperature
0.8
0
-50
TJ, Junction Temperature(℃)
-25
150
25
75
100
50
125
1.VGS=10V
2. ID=20A
4
2
VGS, Gate to Source Voltage(V)
3
10
5
78
20
69
120
103
60
40
80
100
120
101
102
10
Operation in This Area
Is limited by RDS(ON)
DC
1S
100mS
10mS
10S
100uS
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
0
50
25
TC,Case Temperature(℃)
150
75
100
125
20
10-1
VDS,Drain-Source Voltage(V)
100
10-1
100
101
102
Single Pulse
TJ=Max rated
TC=25 ℃
p
Maple Semiconductor CO., LTD
http://www.meipusen.com
Rev. 00 Jan . 2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com