Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7150FP Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7150FP
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7150FP Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7150FP Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7150FP Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7150FP Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7150FP Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7150FP Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7150FP Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7150FP Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
MA7150F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
PIN ASSIGNMENT
The package of MA7150; the pin assignment is given by:
RDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
MA7150
Packing
A : Taping
X X
B: SOT23-5L
BP:SOT23-5F
Blank: Tube
F=FG
R=RD
X
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 6 = 2016
ID Code: Internal
e Y W X
MA7150F=He,MA7150R=Hd
A BSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
-7 to 7
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
500
mA
Hold
800
Peak (start up)
1000
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-50 to +150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
225
°C/W
Recommended Operating Conditions (TA=25 °C)
Supply Voltage
VCC
1.8 to 5.5
V
Junction Temperature
TJ
150
°C
Operating Temperature
TO
-40 to 125
°C
(Top View)
1
2
3
4
5
VDD
OUT1
OUT2
GND
FG/RD
SOT23-5L
Name
Description
OUT1
Output 1
GND
Ground.
VDD
Supply Voltage
FG/RD Frequency Generation /
Rotation Detection (open drain output)
OUT2
Output 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com