Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4054 Datasheet(PDF) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4054
Description  600mA lithium battery charger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4054 Datasheet(HTML) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4054 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4054 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TP4054
600mA 锂电池充电器
V2.2
ShenZhen TPOWER Semiconductor
4
内部框图
工作原理
TP4054是专门为一节锂离子电池或锂聚合物电池而设
计的线性充电器,芯片集成功率晶体管,充电电流可以
用外部电阻设定,最大持续充电电流可达600mA,不需要
另加阻流二极管和电流检测电阻。TP4054包含一个漏极
开路输出的状态指示端,用于指示正在充电或充电完成。
充电时管脚CHRG输出低电平,表示充电正在进行,充电
完成后,CHRG脚变为高阻态。
如果电池电压低于2.9V,TP4054用小电流对电池进行预
充电。当电池电压超过2.9V时,采用恒流模式对电池充
电,充电电流由PROG管脚和GND之间的电阻R
PROG确
定。当电池电压接近4.2V电压时,充电电流逐渐减小,
TP4054进入恒压充电模式。当充电电流减小到充电结束
阈值时,充电周期结束。充电结束阈值是恒流充电电流
的10%。
当电池电压降到再充电阈值4.1V以下时,TP4054自动开
始新的充电周期。芯片内部的高精度电压基准源、误差
放大器和电阻分压网络确保电池端调制电压的精度在1%
以内,满足锂离子电池和锂聚合物电池的要求。当输入
电压低于欠压锁定阈值电压或者输入电压低于电池电压
时,充电器进入低功耗的睡眠模式,此时电池端消耗的



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com