Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS660GIT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS660GIT
Description  Digital Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS660GIT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS660GIT Datasheet HTML 1Page - Integrated Circuit Systems ICS660GIT Datasheet HTML 2Page - Integrated Circuit Systems ICS660GIT Datasheet HTML 3Page - Integrated Circuit Systems ICS660GIT Datasheet HTML 4Page - Integrated Circuit Systems ICS660GIT Datasheet HTML 5Page - Integrated Circuit Systems ICS660GIT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Digital Video Clock Source
MDS 660 E
3
Revision 040104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS660
Application Information
Series Termination Resistor
Clock output traces should use series termination. To
series terminate a 50
Ω trace (a commonly used trace
impedance), place a 33
Ω resistor in series with the
clock line, as close to the clock output pin as possible.
The nominal impedance of the clock output is 20
Ω.
Decoupling Capacitors
As with any high-performance mixed-signal IC, the
ICS660 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane. To
further guard against interfering system supply noise,
the ICS660 should use one common connection to the
PCB power plane as shown in the diagram on the next
page. The ferrite bead and bulk capacitor help reduce
lower frequency noise in the supply that can lead to
output clock phase modulation.
Recommended Power Supply Connection for
Optimal Device Performance
All power supply pins must be connected to the same
voltage, except VDDR and VDDO, which may be
connected to a lower voltage in order to change the
output level. If the reference output is not used, ground
VDDR.
Crystal Load Capacitors
If a crystal is used, the device crystal connections
should include pads for capacitors from X1 to ground
and from X2 to ground. These capacitors are used to
adjust the stray capacitance of the board to match the
nominally required crystal load capacitance. To reduce
possible noise pickup, use very short PCB traces (and
no vias) been the crystal and device.
The value of the load capacitors can be roughly
determined by the formula C = 2(CL - 6) where C is the
load capacitor connected to X1 and X2, and CL is the
specified value of the load capacitance for the crystal.
A typical crystal CL is 18 pF, so C = 2(18 - 6) = 24 pF.
Because these capacitors adjust the stray capacitance
of the PCB, check the output frequency using your final
layout to see if the value of C should be changed.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) Each 0.01µF decoupling capacitor should be
mounted on the component side of the board as close
to the VDD pin as possible. No vias should be used
between decoupling capacitor and VDD pin. The PCB
trace to VDD pin should be kept as short as possible,
as should the PCB trace to the ground via. Distance of
the ferrite bead and bulk decoupling from the device is
less critical.
2) The external crystal should be mounted next to the
device with short traces. The X1 and X2 traces should
not be routed next to each other with minimum spaces,
instead they should be separated and away from other
traces.
3) To minimize EMI, and obtain the best signal integrity,
the 33
Ω series termination resistor should be placed
close to the clock output.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers (the ferrite bead and bulk decoupling
capacitor can be mounted on the back). Other signal
traces should be routed away from the ICS660. This
includes signal traces just underneath the device, or on
layers adjacent to the ground plane layer used by the
device.
C onnec tion to 3.3V
Pow er Plane
Ferrite
B ead
B ulk D ec oupling C apac itor
(suc h as 1
F Tantalum )
VD D Pin
VD D Pin
VD D Pin
0.01
F D ecoupling C apacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com