Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6356 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AP6356
Description  2x2 WiFi Bluetooth4.1 Module Spec Sheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6356 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AP6356 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 17Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 18Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 19Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 20Page - List of Unclassifed Manufacturers AP6356 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AP6356 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
15
15GHz(20MHz) Channel table 
Band (GHz) 
Operating Channel 
Numbers 
Channel center 
frequencies(MHz) 
  5.15GHz~5.25GHz 
36 
5180 
40 
5200 
44 
5220 
48 
5240 
  5.25GHz~5.35GHz 
52 
5260 
56 
5280 
60 
5300 
64 
5320 
5.5GHz~5.7GHz 
100 
5500 
104 
5520 
108 
5540 
112 
5560 
116 
5580 
120 
5600 
124 
5620 
128 
5640 
132 
5660 
136 
5680 
140 
5700 
5.725GHz~5.825GHz 
149 
5745 
153 
5765 
157 
5785 
161 
5805 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com