Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS660GILFT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS660GILFT
Description  Digital Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS660GILFT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS660GILFT Datasheet HTML 1Page - Integrated Circuit Systems ICS660GILFT Datasheet HTML 2Page - Integrated Circuit Systems ICS660GILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS660GILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS660GILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS660GILFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Digital Video Clock Source
MDS 660 E
5
Revision 040104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS660
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
° C
Note 1: Selection 1111 is 0.16 ppm lower than the PAL specified frequency
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Crystal Frequency
28
MHz
Output Clock Rise Time
tOR
20% to 80%, 15 pF load
1.5
ns
Output Clock Fall Time
tOF
80% to 20%, 15 pF load
1.5
ns
Output Duty Cycle
tOD
at VDD/2, 15 pF load
40
49 to 51
60
%
Power up time
tPU
inputs out of PD state to
clocks stable
10
ms
Power down time
tPD
inputs in PD state to
clocks off
1
µs
Jitter, short term
Reference clock off
100
ps p-p
Jitter, short term
Reference clock on
125
ps p-p
Jitter, long term
Reference clock off; 10
us delay
300
ps p-p
Jitter, long term
Reference clock on; 10
us delay
300
ps p-p
Single sideband phase noise
Reference clock off; 10
kHz offset
-110
dBc
Single sideband phase noise
Reference clock on; 10
kHz offset
-110
dBc
Actual mean frequency error
versus target
Note 1
0
ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com