Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMOS-825 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # AMOS-825
Description  Industrial Systems ARM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

AMOS-825 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  AMOS-825 Datasheet HTML 1Page - VIA Technologies, Inc. AMOS-825 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Apr. 12, 2019.
www.viatech.com
Ordering Information
Part Number
SoC Frequency
Description
AMOS-825-1Q10A2
NXP i.MX 6Quad Cortex-A9
SoC @ 1.0GHz
Fanless embedded system with 1.0GHz NXP i.MX 6Quad Cortex-A9 SoC, 1GB DDR3 RAM,
16GB eMMC, 4MB SPI Flash ROM, SCSI 50-pin D-sub connector, 2 USB 2.0, Micro USB 2.0
OTG, COM, CAN bus, GPIO, Gigabit Ethernet, Wi-Fi, Bluetooth 4.0, GPS, miniPCIe slot,
Micro SD card slot, 9~36V DC-in
Front Panel External I/O
Back Panel External I/O
Reset Button
Micro USB 2.0 OTG
SCSI 50-pin
D-sub
Connector
Mic-in
CAN/COM
DC-in
USB 2.0
Wi-Fi/BT Antenna Connector
Ethernet
Power LED
GPS Antenna Connector
Antenna Hole
Specifications
Model Name
AMOS-825
Dimensions
150.5mm(W) x 48.1mm(H) x 103.3mm(D) (5.9" x 1.9" x 4.1")
Weight
0.673kg (1.48lbs)
Compliance
CE, FCC
Dimensions
Packing List
Items
AMOS-825 system
Phoenix plug to DC jack
COM/CAN conversion cable
Wi-Fi/BT antenna
GPS antenna
SCSI 50-pin connector cable
Screw pack for mounting
Rubber feet pack
Optional Accessories
Touch Monitors
Part Number
Description
99G73-010229
7" Projective capacitive touch monitor (800x480, -20°C ~ 70°C)
Wireless Accessories
Part Number
Description
EMIO-2550-00A1
3.75G HSPA/UMTS mobile broadband full-size miniPCIe module with GPS, SIM card slot, assembly kit and antenna
(*Note: GPS function is not supported - AMOS-825 already includes GPS support)
Unit: mm
WPAN/WWAN/WLAN LED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com