Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC-01 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # LPC-01
Description  Mini-ITX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

LPC-01 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  LPC-01 Datasheet HTML 1Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Aug. 17, 2017.
www.viatech.com
Ordering Information
Model Name
CPU Frequency
Description
EPIA-M920-20Q
VIA QuadCore E-Series @ 2.0GHz
Mini-ITX board with 2.0GHz VIA QuadCore E-Series CPU with 2 HDMI, VGA, 2 LVDS, 3 USB 3.0,
6 USB 2.0, 4 COM, 2 Gigabit Ethernet, PCIe x4 slot, 2 SATA, ATX power connector
EPIA-M920-16QE
VIA Eden® X4 @ 1.6GHz
Mini-ITX board with 1.6GHz VIA Eden® X4 CPU with 2 HDMI, VGA, 2 LVDS, 3 USB 3.0, 6 USB 2.0,
4 COM, 2 Gigabit Ethernet, PCIe x4 slot, 2 SATA, ATX power connector
Block Diagram
Packing List
Items
EPIA-M920 board
SATA cable
I/O bracket
LVDS2 (24 bits)
SPI ROM
H/W Monitor
Fan x 2
COM1/COM2
ATXPWR
DDR3, Power &
System Power
VIA QuadCore E 2.0GHz
VIA Eden® X4 1.6GHz
+/- HCLK
PCIe x1
+/- CPU CLK
VID[0:6]
9LVRS720AKLF
Clock Generator
USB 2.0 Port x 4
SM Bus
VGA
VT1636
HDMI0
DIO 4-in/4-out
PS2 KB/MS
Pin Header
CPU CORE
ISL6262A
Front Panel
RTL8111G
RJ45 + USB 2.0 x 2
RJ45 + USB 3.0 x 2
FSB 800 ~1066MHz
VT2021
HD Audio
COM3/COM4
SATA
CHA
USB 2.0
SPI
PCIe x4
SMBUS
PCI
USB 3.0
PCIe x4 Slot
USB 3.0 Port
F71869E
HDMI1
LVDS1 (18/24 bits)
DVP
LPC
R/G/B
KB/MS
LVDS
HD
HD
Line-in, Line-out, MIC-in,
Front Audio - Line-out, MIC-in
VX11H
SATA x 2
DDR3 1333
SODIMM x 2
Back Panel I/O
Accessories
PWB-M120
120W DC-DC power board,
voltage range from 12V~24V
VGA
HDMI
USB 3.0 USB 2.0
COM
Ethernet
Mic-in
Line-in
Line-out
PS/2 Mouse
EMIO-1533 USB Wi-Fi Module
802.11b/g/n standards
LPC-01/02/04
Up to 4 additional COM ports
PS/2
Keyboard
Optional Accessories
I/O Expansion Cards
Part Number
Description
LPC-01
Expansion module for four COM ports
LPC-02
Expansion module for four COM ports (5V or 12V)
LPC-04
Expansion module for two or four COM ports (5V or 12V)
PWB-M120
120W DC-DC power board, voltage range from 12V~24V
Wireless Accessories
Part Number
Description
00GO27100BU2B0D0
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi dongle
EMIO-1533-00A2
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi module with assembly kit and antenna
EMIO-5531-00A1
VAB-820-W IEEE 802.11 b/g/n USB Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-5531 USB Wi-Fi + BT Module
802.11b/g/n standards
Bluetooth 2.1 + EDR specification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com