Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4621 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 175-4621
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4621 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 175-4621 Datasheet HTML 13Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 14Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 15Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 16Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 17Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175-4621 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
AB
C
D
E
Pipe Thread
Taper
Body
Body
Over-All
Description
Part Number
or Taper
Socket
Size
Length
Length
1/4
7/8
AD-124-.8
190-1408
3/8
1
AD-124-1.0
190-1410
5/8
1-1/4
AD-124-1.2
190-1412
7/8
1-1/2
AD-124-1.5
190-1415
1-1/8
1-3/4
AD-124-1.7
190-1417
1-3/8
2
AD-124-2.0
190-1420
1/2-14
4RW
1” Hex
1-5/8
2-1/4
AD-124-2.2*
NPT
1-7/8
2-1/2
AD-124-2.5
190-1425
2-1/8
2-3/4
AD-124-2.7*
2-3/8
3
AD-124-3.0
190-1430
2-5/8
3-1/4
AD-124-3.2*
2-7/8
3-1/2
AD-124-3.5
190-1435
3-1/8
3-3/4
AD-124-3.7*
3-3/8
4
AD-124-4.0
190-1440
4-3/8
5
AD-124-5.0*
1/4
7/8
AD-125-.8
190-1508
3/8
1
AD-125-1.0
190-1510
5/8
1-1/4
AD-125-1.2
190-1512
7/8
1-1/2
AD-125-15
190-1515
1
1-5/8
AD-125-1.6*
1-1/8
1-3/4
AD-125-1.7
190-1517
1-3/8
2
AD-125-2.0
190-1520
1/2-14
5RW
1” Hex
1-5/8
2-1/4
AD-125-2.2*
NPT
1-7/8
2-1 /2
AD-125-2.5
190-1525
2-1/8
2-3/4
AD-125-2.7*
2-3/8
3
AD-125-3.0
190-1530
2-5/8
3-1/4
AD-125-3.2*
2-7/8
3-1/2
AD-125-3.5
190-1535
3-1/8
3-3/4
AD-125-3.7*
3-3/8
4
AD-125-4.0
190-1540
3-7/8
4-1/2
AD-125-4.5
190-1545
1/4
7/8
AD-584-.8
190-2408
5/8-14
4RW
1” Hex
3/8
1
AD-584-1.0
NPT
7/8
1-1/2
AD-584-1.5*
1-3/8
2
AD-584-2.0*
1/4
7/8
AD-585-.8
190-2508
3/8
1
AD-585-1.0*
190-2510
5/8
1-1/4
AD-585-1.2
190-2512
5/8-14
5RW
1” Hex
7/8
1-1/2
AD-585-1.5
190-2515
NPT
1-1/8
1-3/4
AD-585-1.7
190-2517
1-3/8
2
AD-585-2.0*
1-7/8
2-1/2
AD-585-2.5*
2-3/8
3
AD-585-3.0*
3-3/8
4
AD-585-4.0*
3/16
1-1/8
AD-345-1.1*
7/16
1-3/8
AD-345-1.3*
9/16
1-1/2
AD-345-1.5
190-3515
13/16
1-3/4
AD-345-1.7
190-3517
3/4-14
5RW
1.25 Hex
1-1/16
2
AD-345-2.0
190-3520
NPT
1-9/16
2-1/2
AD-345-2.5
190-3525
2-1/16
3
AD-345-3.0
190-3530
2-9/16
3-1/2
AD-345-3.5
190-3535
3-1/16
4
AD-345-4.0
190-3540
4-1/16
5
AD-345-5.0
190-3550
5/16
1-1/4
AD-346-1.2*
7/16
1-3/8
AD-346-1.3
190-3613
9/16
1-1/2
AD-346-1.5
190-3615
1-1/16
2
AD-346-2.0
190-3620
3/4-14
6RW
1.25 Hex
1-9/16
2-1/2
AD-346-2.5
190-3625
NPT
1-13/16
2-3/4
AD-346-2.7*
2-1/16
3
AD-346-3.0
190-3630
2-9/16
3-1/2
AD-346-3.5
190-3635
3-1/16
4
AD-346-4.0
190-3640
3-9/16
4-1/2
AD-346-4.5
190-3645
4-1/16
5
AD-346-5.0
190-3650
9/16
1-1/2
AD-347-1.5
190-3715
1-1/16
2
AD-347-2.0
190-3720
1-9/16
2-1/2
AD-347-2.5
190-3725
3/4-14
7RW
1.25 Hex
2-1/16
3
AD-347-3.0
190-3730
NPT
2-9/16
3-1/2
AD-347-3.5
190-3735
3-1/16
4
AD-347-4.0
190-3740
3-9/16
4-1/2
AD-347-4.5
190-3745
4-1/16
5
AD-347-5.0
190-3750
1
2
AD-45-2
190-4520
4RW
5RW
1” Hex
2
3
AD-45-3
190-4530
3
4
AD-45-4
190-4540
1/4
1-1/8
AD-54-1
190-5410
1
2
AD-54-2
190-5420
5RW
4RW
7/8 Hex
1-1/2
2-1/2
AD-54-2.5*
2
3
AD-54-3
190-5430
3
4
AD-54-4
190-5440
1
2
AD-55-2
190-5520
1-1/2
2-1/2
AD-55-2.5
190-5525
5RW
5RW
7/8 Hex
2
3
AD-55-3*
3
4
AD-55-4
190-5540
4
5
AD-55-5
190-5550
5RW
6RW
1” Hex
1-1/8
2
AD-56-2
190-5620
6RW
4RW
1” Hex
1/4
1-1/4
AD-64-1
190-6410
6RW
5RW
1” Hex
1/4
1-1/4
AD-65-1
190-6510
7RW
4RW
1” Hex
1/4
1-1/2
AD-74-1
190-7410
1/4
1
AD-75-1
190-7510
7RW
5RW
1” Hex
3/4
2
AD-75-2
190-7520
2-1/4
3-1/2
AD-75-3.5*
2-3/4
4
AD-75-4*
TUFFALOY threaded electrode adapters are used to provide longer
electrode holder life, by providing a changable tip socket in holders
having threaded openings. Class 2 alloy. Other alloys available.
* Not commonly stocked - other adapters available upon request
AD-124-.8, AD-125-.8,
AD-584-.8, AD-585-.8,
AD-124-1.0, AD-124-4.0,
AD-125-1.0, AD-125-4.0,
AD-345-1.0, AD-347-4.0,
AD-45-2, AD-45-4,
AD-54-1, AD-75-2,
AD-55-90, for 5 RW Tip,
Part No. 190-9559
AD-54-90, for 4 RW Tip,
Part No. 190-9549
A
B
Description
Part No.
4 RW TAPER - 7/8-14 NF
3/8
1-1/8
AD-134-1.1
190-3211
1/2
1-1/4
AD-134-1.2
190-3212
5/8
1-3/8
AD-134-1.3
190-3213
3/4
1-1/2
AD-134-1.5
190-3215
1
1-3/4
AD-134-1.7
190-3217
1-1/4
2
AD-134-2.0
190-3220
1-1/2
2-1/4
AD-134-2.2
190-3222
1-3/4
2-1/2
AD-134-2.5
190-3225
2-1/4
3
AD-134-3.0
190-3230
2-3/4
3-1/2
AD-134-3.5
190-3250
5 RW TAPER - 7/8-14 NF
3/8
1-1/8
AD-135-1.1
190-3311
1 /2
1-1/4
AD-135-1.2
190-3312
5/8
1-3/8
AD-135-1.3
190-3313
3/4
1-1/2
AD-135-1.5
190-3315
1
1-3/4
AD-135-1.7
190-3317
1-1/4
2
AD-135-2.0
190-3320
1-1/2
2-1/4
AD-135-2.2
190-3322
1-3/4
2-1/2
AD-135-2.5
190-3325
2-1/4
3
AD-135-3.0
190-3330
2-3/4
3-1/2
AD-135-3.5
190-3335
5 RW TAPER - 1-12 NF
3/8
1-1/8
AD-105-1.1
190-4311
1/2
1-1/4
AD-105-1.2
190-4312
5/8
1-3/8
AD-105-1.3
190-4313
3/4
1-1/2
AD-105-1.5
190-4315
1
1-3/4
AD-105-1.7
190-4317
1-1/4
2
AD-105-2.0
190-4320
5 RW TAPER - 1-12 NF
1-1/2
2-1/4
AD-105-2.2
190-4322
1-3/4
2-1/2
AD-105-2.5
190-4325
2
2-3/4
AD-105-2.7
190-4327
2-1/4
3
AD-105-3.0
190-4330
2-3/4
3-1/2
AD-105-3.5
190-4335
194-2085
1-3/8 D.
Barrel
Required
for 1-12 NF
Adapter
{
{
{
{
{
AD-55-30, for 5 RW Tip,
Part No. 190-9553
STRAIGHT THREADED ADAPTERS FOR
MULTI-SPOT BARREL AND CLAMP
16
TUFFALOY
tip adapters
1.25
Hex
1.25
Hex
1.25
Hex
1.25
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com