Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4261 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 51Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 52Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
GROUP A
Copper
Base
Alloys
GROUP B
Refractory
Metal
Compositions
Proportional
Ultimate
Elongation
TUFFALOY
Limit
Hardness
Conductivity
Tensile
Percent
Class
Number
Tension
Rockwell
Percent
Strength
In 2’ or 4’
P. S. I.
I. A. C. S.
P. S. I.
Diameter
ROUND RODS
1
88
17,500
65-B
80
60,000
13
Up to 1” dia.
2
77
35,000
75-B
75
65,000
13
3
55
50,000
90-B
45
100,000
9
1
88
15,000
60-B
80
55,000
14
1” to 2” dia.
2
77
30,000
70-B
75
59,000
13
3
55
50,000
90-B
45
100,000
9
1
88
15,000
55-B
80
50,000
15
2” to 3” dia.
2
77
25,000
65-8
75
55,000
13
3
55
50,000
90-B
45
95,000
9
BARS
Square
1
88
20,000
55-B
80
60,000
13
Rectangular
2
77
35,000
70-B
75
65,000
13
Hexagon
3
55
50,000
90-B
45
100,000
9
Up to 1“ thick
1
88
15,000
50-B
80
50,000
14
Over 1” thick
2
77
25,000
65-8
75
55,000
13
3
55
50,000
90-B
45
100,000
9
1
88
20,000
55-8
80
45,000
12
FORGINGS
2
77
22,000
65-B
75
55,000
13
Up to 1”
3
55
50,000
90-B
45
94,000
9
1
88
15,000
50-B
80
40,000
13
1” to 2”
2
77
21,000
65-B
75
55,000
13
3
55
50,000
90-B
45
94,000
9
1
88
15,000
50-B
80
40,000
–
Over 2”
2
77
20,000
65-B
75
55,000
12
3
55
50,000
90-B
45
94,000
5
All sizes
4
44
85,000
33-C
20
140,000
.5
2
77
20,000
55-8
70
45,000
12
CASTINGS
3
55
45,000
90-B
45
85,000
5
All sizes
4
44
60,000
33-C
18
90,000
.5
5
66
12 to 16,000
65 to 85-B
10 to 15
65 to 75,000
2 to 10
10
1W
72-B
35
Rods,
11
10W
94-B
28
Bars &
12
20W
98-B
27
Inserts
13
100W
69-A
30
14
100M
85-B
30
135,000
Ultimate
160,000
Compression
170,000
Strength
200,000
P. S. I.
MINIMUM PHYSICAL PROPERTIES FOR RWMA ALLOYS
Published Standards of the Resistance Welder Manufacturer’s Association
}
48
TUFFALOY
welding data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com