Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T241STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T241STR
Description  DUAL BUS BUFFER NON INVERTED (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T241STR Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T241STR Datasheet HTML 1Page - STMicroelectronics 74V2T241STR Datasheet HTML 2Page - STMicroelectronics 74V2T241STR Datasheet HTML 3Page - STMicroelectronics 74V2T241STR Datasheet HTML 4Page - STMicroelectronics 74V2T241STR Datasheet HTML 5Page - STMicroelectronics 74V2T241STR Datasheet HTML 6Page - STMicroelectronics 74V2T241STR Datasheet HTML 7Page - STMicroelectronics 74V2T241STR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2003
s
HIGH SPEED: tPD = 3.8ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
COMPATIBLE WITH TTL LEVEL:
VIH=2.0V(MIN), VIL=0.8V(MAX)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2T241 is an advanced high-speed CMOS
DUAL BUS BUFFER NON INVERTER fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology.
It has one active-high and one active-low output
enable. Power down protection is provided on all
inputs and outputs and 0 to 7V can be accepted
on inputs with no regard to the supply voltage.
This device can be used to interface 5V to 3V
systems and it is ideal for portable applications
like personal digital assistant, camcorder and all
battery-powered equipment.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74V2T241
DUAL BUS BUFFER NON INVERTED (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2T241STR
SOT23-8L


Similar Part No. - 74V2T241STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T00 STMICROELECTRONICS-74V2T00 Datasheet
125Kb / 7P
DUAL 2-INPUT NAND GATE
2003-Jun
74V2T00STR STMICROELECTRONICS-74V2T00STR Datasheet
125Kb / 7P
DUAL 2-INPUT NAND GATE
2003-Jun
74V2T02 STMICROELECTRONICS-74V2T02 Datasheet
128Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
74V2T02STR STMICROELECTRONICS-74V2T02STR Datasheet
128Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
More results

Similar Description - 74V2T241STR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
05-Aug-1997
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT367AF TOSHIBA-TC74VHCT367AF Datasheet
227Kb / 6P
HEX BUS BUFFER. NON-INVERTED, 3-STATE OUTPUTS
07-Apr-1998
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC7WH241FU TOSHIBA-TC7WH241FU Datasheet
214Kb / 7P
DUAL BUS BUFFER NON INVERTED, 3-STATE OUTPUTS
28-May-1998
logo
STMicroelectronics
74V2G241 STMICROELECTRONICS-74V2G241 Datasheet
105Kb / 9P
DUAL BUS BUFFER NON INVERTED (3-STATE)
Jun-2003
logo
Toshiba Semiconductor
TC7WH241FK TOSHIBA-TC7WH241FK_09 Datasheet
184Kb / 7P
Dual Bus Buffer Non Inverted, 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com