Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

769D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 769D
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D Datasheet(HTML) 3 Page - Vishay Siliconix

  769D Datasheet HTML 1Page - Vishay Siliconix 769D Datasheet HTML 2Page - Vishay Siliconix 769D Datasheet HTML 3Page - Vishay Siliconix 769D Datasheet HTML 4Page - Vishay Siliconix 769D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 40055
Revision 17-Oct-03
www.vishay.com
38
769D (CECC 30202-013)
Vishay Tansitor
For technical questions, contact eurowettant@vishay.com
STANDARD RATINGS
20
A
769D206X0010A2
5
120
1
2
-32
+12
+12
70
47
A
769D476X0010A2
15
90
1
2
-36
+16
+16
80
100
A
769D107X0010A2
13
60
1
4
-36
+16
+16
80
120
A
769D127X0010A2
32
50
2
9
-50
+16
+16
80
140
A
769D147X0010A2
32
46
2
9
-50
+16
+16
90
150
A
769D157X0010A2
32
40
2
9
-50
+16
+16
90
180
B
769D187X0010B2
46
40
1
7
-36
+16
+16
250
250
C
769D257X0010C2
32
35
2
10
-40
+16
+16
500
390
C
769D397X0010C2
75
25
2
16
-64
+20
+20
500
470
B
769D477X0010B2
35
21
3
16
-70
+20
+20
280
510
B
769D517X0010B2
45
21
3
16
-70
+20
+20
280
560
B
769D567X0010B2
50
21
3
16
-70
+20
+20
280
750
D
769D757X0010D2
44
22
4
16
-80
+25
+25
850
1000
C
769D108X0010C2
67
12
5
20
-75
+25
+25
540
1300
D
769D138X0010D2
63
18
7
25
-75
+25
+25
800
1500
D
769D158X0010D2
66
17
8
28
-75
+25
+25
800
15
A
769DL56X0015A2
5
145
1
2
-24
+12
+12
70
33
A
769D336X0015A2
10
100
1
2
-28
+16
+16
80
70
B
769D706X0015B2
11
63
1
4
-28
+16
+16
250
100
A
769D107X0015A2
28
40
2
9
-40
+16
+16
80
120
B
769D127X0015B2
27
50
1
7
-28
+20
+20
250
170
C
769D177X0015C2
22
38
2
10
-32
+16
+16
500
270
C
769D277X0015C2
50
30
2
16
-56
+20
+20
500
360
B
769D367X0015B2
38
22
3
16
-60
+20
+20
280
390
B
769D397X0015B2
38
21
3
16
-60
+20
+20
280
540
C
769D547X0015C2
45
25
5
20
-70
+25
+25
500
540
D
769D547X0015D2
15
23
3
24
-80
+25
+25
850
680
C
769D687X0015C2
50
13
5
20
-70
+25
+25
510
750
C
769D757X0015C2
52
13
6
24
-70
+25
+25
510
820
C
769D827X0015C2
60
13
6
24
-70
+25
+25
510
1100
D
769D118X0015D2
53
18
8
25
-70
+25
+25
750
1200
D
769D128X0015D2
55
17
8
28
-70
+25
+25
750
82
A
769D826X0020A2
25
50
2
9
-40
+16
+16
70
330
B
769D337X0020B2
30
21
3
16
-60
+20
+20
280
560
C
769D567X0020C2
40
20
5
20
-70
+25
+25
510
1000
D
769D108X0020D2
40
21
8
28
-70
+25
+25
750
10
A
769D106X0025A2
4
190
1
2
-16
+9
+9
70
22
A
769D226X0025A2
7
140
1
2
-20
+12
+12
80
50
A
769D506X0025A2
18
80
2
9
-35
+15
+15
80
68
A
769D686X0025A2
22
50
2
9
-35
+15
+15
80
100
B
769D107X0025B2
15
50
1
10
-28
+15
+15
250
180
C
769D187X0025C2
46
32
2
18
-48
+15
+15
500
270
B
769D277X0025B2
24
22
3
16
-45
+16
+16
280
350
C
769D357X0025C2
27
26
7
28
-60
+25
+25
500
350
D
769D357X0025D2
25
24
7
28
-80
+25
+25
850
470
C
769D477X0025C2
33
18
6
24
-60
+25
+25
510
510
C
769D517X0025C2
33
16
7
28
-60
+25
+25
510
750
D
769D757X0025D2
36
18
8
29
-60
+25
+25
750
820
D
769D827X0025D2
40
17
9
30
-60
+25
+25
750
Max. RMS
RIPPLE
120 Hz
(mA)
+ 125
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA) at
+ 25
°C
- 55
°C
Max. DF
at + 25
°C
(%)
Max. IMP.
at - 55
°C
120 Hz
(Ohms)
10 VDC at + 85
°C, 7 VDC at + 125°C
+ 85
°C
15 VDC at + 85
°C, 10 VDC at + 125°C
20 VDC at + 85
°C, 13 VDC at + 125°C
25 VDC at + 85
°C, 15 VDC at + 125°C
Wet Tantalum Capacitors with Epoxy End-Fill,
Sintered Anode TANTALEX
® Capacitors
CECC 30202-013 Approved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com