Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX41 Datasheet(PDF) 1 Page - Seme LAB

Part # BUX41
Description  Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX41 Datasheet(HTML) 1 Page - Seme LAB

  BUX41 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUX41
Bipolar NPN Device.
V
CEO =
200V
I
C = 15A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
200
V
I
C(CONT)
15
A
h
FE
@ 4/10 (V
CE / IC)
15
45
-
f
t
8M
Hz
P
D
120
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - BUX41

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
logo
STMicroelectronics
BUX41 STMICROELECTRONICS-BUX41 Datasheet
59Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTOR
Feb 1997
logo
Inchange Semiconductor ...
BUX41 ISC-BUX41 Datasheet
81Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUX41 SAVANTIC-BUX41 Datasheet
118Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BUX41 COMSET-BUX41 Datasheet
129Kb / 3P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
More results

Similar Description - BUX41

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N5622 SEME-LAB-SF_2N5622 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_2N3716 SEME-LAB-SF_2N3716 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_2N6654 SEME-LAB-SF_2N6654 Datasheet
12Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BDX93 SEME-LAB-SF_BDX93 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BUW77 SEME-LAB-SF_BUW77 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N6254 SEME-LAB-2N6254 Datasheet
12Kb / 1P
BIPOLAR NPN DEVICE IN A HERMETICALLY SEALED TO3 METAL PACKAGE
BUW26 SEME-LAB-BUW26 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N5936 SEME-LAB-2N5936 Datasheet
18Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BDX91 SEME-LAB-BDX91 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
BUL49B SEME-LAB-BUL49B Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com