Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756AN Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7756AN
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756AN Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7756AN Datasheet HTML 9Page - Analog Devices ADE7756AN Datasheet HTML 10Page - Analog Devices ADE7756AN Datasheet HTML 11Page - Analog Devices ADE7756AN Datasheet HTML 12Page - Analog Devices ADE7756AN Datasheet HTML 13Page - Analog Devices ADE7756AN Datasheet HTML 14Page - Analog Devices ADE7756AN Datasheet HTML 15Page - Analog Devices ADE7756AN Datasheet HTML 16Page - Analog Devices ADE7756AN Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. 0
ADE7756
–13–
The contents of the Offset Correction registers are 6-bit, sign
and magnitude coded. The weighting of the LSB size depends
on the gain setting, i.e., 1, 2, 4, 8, or 16. Table II below shows
the correctable offset span for each of the gain settings and the
LSB weight (mV) for the Offset Correction registers. The
maximum value that can be written to the Offset Correction
registers is
±31 decimal—see Figure 7.
Table II. Offset Correction Range
Gain
Correctable Span
LSB Size
1
±60 mV
1.88 mV/LSB
2
±40 mV
1.25 mV/LSB
4
±25 mV
0.78 mV/LSB
8
±23 mV
0.72 mV/LSB
16
±20 mV
0.63 mV/LSB
Figure 7 shows the relationship between the Offset Correction
register contents and the offset (mV) on the analog inputs for a
gain setting of one. In order to perform an offset adjustment, The
analog inputs should be first connected to AGND. There should
be no signal on either Channel 1 or Channel 2. A read from
Channel 1 or Channel 2 using the waveform register will give an
indication of the offset in the channel. This offset can be canceled
by writing an equal and opposite offset value to the relevant offset
register. The offset correction can be confirmed by performing
another read. Note when adjusting the offset of Channel 1, one
needs to ensure the HPF has been disabled in the Mode Register.
CH1OS[7:0]
00h
1Fh
3Fh
+60mV
–60mV
0mV
OFFSET ADJUST
00 11, 1111B
SIGN + 5 BITS
SIGN + 5 BITS
00 01, 1111B
Figure 7. Channel Offset Correction Range (Gain = 1)
ZERO CROSSING DETECTION
The ADE7756 has a zero crossing detection circuit on Channel
2. This zero crossing is used to produce an external zero cross
signal (ZX) and it is also used in the calibration mode—see
Energy Calibration section. The zero crossing signal is also used
to initiate a temperature measurement on the ADE7756—see
Temperature Measurement section.
Figure 8 shows how the zero cross signal is generated from the
output of LPF1.
V2
LPF1
ZX
21.04 @ 60Hz
0.93
1.0
V2P
V2N
ADC 2
1
x1, x2, x4,
x8, x16
REFERENCE
GAIN[7:5]
V2
TO
MULTIPLIER
–63% TO +63% FS
LPF1
f–3dB = 156Hz
ZX
ZERO
CROSS
PGA2
Figure 8. Zero Cross Detection on Channel 2
The ZX signal will go logic high on a positive going zero crossing
and logic low on a negative going zero crossing on Channel 2.
The zero crossing signal ZX is generated from the output of LPF1.
LPF1 has a single pole at 156 Hz (at CLKIN = 3.579545 MHz).
As a result there will be a phase lag between the analog input
signal V2 and the output of LPF1. The phase response of this
filter is shown in the Channel 2 Sampling section of this data
sheet. The phase lag response of LPF1 results in a time delay of
approximately 0.97 ms (@ 60 Hz) between the zero crossing on
the analog inputs of Channel 2 and the rising or falling edge of ZX.
The zero crossing detection also has an associated time-out
register ZXTOUT. This unsigned, 12-bit register is decre-
mented (1 LSB) every 128/CLKIN seconds. The register is
reset to its user-programmed full-scale value every time a zero
crossing on Channel 2 is detected. The default power-on value
in this register is FFFh. If the register decrements to zero before
a zero crossing is detected, and the DISSAG bit in the Mode
register is Logic 0, the
SAG pin will go active low. The absence of
a zero crossing is also indicated on the
IRQ output if the SAG
enable bit in the Interrupt Enable register is set to Logic 1.
Irrespective of the enable bit setting, the SAG flag in the Inter-
rupt Status register is always set when the ZXTOUT register is
decremented to zero—see ADE7756 Interrupts section.
The Zero-Cross Time-Out register can be written/read by the
user and has an address of 0Eh—see Serial Interface section.
The resolution of the register is 128/CLKIN seconds per LSB.
Thus the maximum delay for an interrupt is 0.15 second (128/
CLKIN
× 212).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com