Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIR2N90FG Datasheet(PDF) 5 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR2N90FG
Description  900V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR2N90FG Datasheet(HTML) 5 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR2N90FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Ch
Chaarrggee
VVGS
GS
10
10VV
Q
Qgg
Q
Qgsgs
Q
Qgdgd
3mA
3mA
VVGS
GS
DUT
DUT
VVDS
DS
300
300nF
nF
50
50KKΩ
Ω
200nF
200nF
Sam
Samee Ty
Type
pe
aass DUT
DUT
VVGS
GS
VVDS
DS
10%
10%
90%
90%
tt
d(
d(on
on))
tt
rr
tt
on
on
tt
of
offf
tt
d(
d(of
offf))
tt
ff
VVDD
DD
VVDS
DS
R
RLL
DUT
DUT
R
RGG
VVGS
GS
===
EEEAS
AS
AS
----
2
1
2
1
2
1
2
1---
---
---
--- LLL AS
AS
AS
III
BV
BVDS
DSSS
222
-----
-------
-------
-------
--------
------
BV
BVDS
DSSS -V
-VDD
DD
VVDD
DD
VVDS
DS
BV
BVDS
DSSS
tt
pp
VVDD
DD
IIAS
AS
VVDS
DS (t
(t))
IIDD (t(t))
Ti
Tim
mee
DUT
DUT
R
RGG
LLL
III DDD
tt
pp
www.First-semi.com
Page 5/8
FIR2N90FG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com