Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV7321 Datasheet(PDF) 2 Page - Savitech Corp.

Part # SV7321
Description  General Purpose CMOS Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7321 Datasheet(HTML) 2 Page - Savitech Corp.

  SV7321 Datasheet HTML 1Page - Savitech Corp. SV7321 Datasheet HTML 2Page - Savitech Corp. SV7321 Datasheet HTML 3Page - Savitech Corp. SV7321 Datasheet HTML 4Page - Savitech Corp. SV7321 Datasheet HTML 5Page - Savitech Corp. SV7321 Datasheet HTML 6Page - Savitech Corp. SV7321 Datasheet HTML 7Page - Savitech Corp. SV7321 Datasheet HTML 8Page - Savitech Corp. SV7321 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Savitech
SV7321, SV7358, SV7324
SV7321, SV7358, SV7324
www.savitech-ic.com
2
Low Power, Low Noise, 1.2MHz, Rail-to-Rail Input/Output,
General Purpose CMOS Operational Amplifiers
Features
■
Wide power supply range: +2.1V to +5.5V
■ Gain-bandwidth product, GBP (typ.) = 1.2MHz
■ Low Noise Voltage Density: 20nV/√Hz
■ Very low quiescent current per amplifier: 60µA
■ Low input bias current: 1pA
■ Low Offset: VOS (typ.) = 1mV, IOS (typ.) = 1pA
■ Unity Gain Stable
Pin Connection
Description
The SV7321, SV7358 and SV7324 consist of 1/2/4
independent, low power, low noise, internally frequency-
compensated CMOS operational amplifiers. It also
features wider bandwidth, lower quiescent and lower offset
than legacy LMV operational amplifier family. They operate
from a single power supply ranging from +2.1V to +5.5V.
Operation from split power supplies is also possible and
the low power supply current drain is independent of the
magnitude of the power supply voltage.
Ordering Information
Part number
Operation range
Package
Packing
SV7321-05OT-TR3
-40°C ~ +85°C
SOT23-5
Tape & Reel, 3000pcs
SV7321-05SC-TR3
SC70-5
Tape & Reel, 3000pcs
SV7324-14SP-TR2
SOP-14
Tape & Reel, 2500pcs
SV7324-14TP-TR2
TSSOP-14
Tape & Reel, 2500pcs
SV7358-08SP-TR2
SOP-8
Tape & Reel, 2500pcs
SV7358-08DP-TR2
DIP-8
Tube, 50pcs
SV7358-08MP-TR3
MSOP-8
Tape & Reel, 3000pcs
DIP-8
SOP-14
TSSOP-14
MSOP-8
SC70-5
SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com