Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A6 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MAC97A6
Description  Isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MAC97A6 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MAC97A6_19 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
Isc Triacs
MAC97A6
FEATURES
·
With TO-92 package
·
Designed for use in heating controller, Light Adjustment controller ,
coloured lantern or lamp controller and any other light industrial or
household appliances.
·
Sensitive gate triggering in four trigger modes for all possible
combinations of trigger sources, and especially for circuits that
source gate drives.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(RMS)
On-state RMS current
0.6
A
ITSM
Peak non-repetitive surge current
8
A
PGM
Peak gate power
5.0
W
PG(AV)
Average gate power TC=80℃,
0.1
W
Tj
Operating junction temperature
-40--+110
℃
Tstg
Storage temperature
-40~+ 150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR= VRRM
VR= VRRM; Tj
= 110℃
10
200
μ
A
IDRM
Repetitive peak off-state current
VD= VDRM
VD= VDRM; Tj
= 110℃
10
200
μ
A
IGT
Gate trigger current
Ⅰ
VD=12V, IT=0.1A
5
mA
Ⅱ
5
Ⅲ
5
Ⅳ
7
VTM
On-state voltage
IT=1 A
1.65
V
IH
Holding current
VD=12V, IGT=0.2A Gate Open
5
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL=100Ω
1.5
V


Similar Part No. - MAC97A6_19

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
LOGIC LEVEL TRIAC
More results

Similar Description - MAC97A6_19

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com