Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV600BA Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PV600BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PV600BA Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PV600BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PV600BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PV600BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PV600BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
G-25-3
N-Channel Enhancement Mode
Field Effect Transistor
PV600BA
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
REV1.0
ABSOLUTE MAXIMUM RATINGS (TA = 25 ° C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TA = 25 ° C
ID
10
A
TA = 70 ° C
8
Pulsed Drain Current
1
IDM
40
Avalanche Current
IAS
17.6
Avalanche Energy
L = 0.1mH
EAS
15.5
mJ
Power Dissipation
TA = 25 ° C
PD
1.95
W
TA = 70 ° C
1.25
Junction & Storage Temperature Range
TJ, Tstg
-55 to 150
° C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RJA
64
° C / W
Junction-to-Case
RJC
25
1Pulse width limited by maximum junction temperature.
2The value of R
θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25° C.
.ELECTRICAL CHARACTERISTICS (TJ = 25 ° C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
1.3
1.7
2.3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
1
A
VDS = 20V, VGS = 0V, TJ = 55 ° C
10
Drain-Source On-State
Resistance1
RDS(ON)
VGS = 4.5V, ID = 10A
10.6
15
mΩ
VGS =10V, ID = 10A
8.3
10.8
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30V
10.8mΩ
10A
G: GATE
D: DRAIN
S: SOURCE
G
D
S


Similar Part No. - PV600BA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PV600BA VBSEMI-PV600BA Datasheet
1,005Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
PV600BA UNIKC-PV600BA Datasheet
775Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - PV600BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com