Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7540 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7540
Description  Single Rail ADPCM CODEC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7540 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7540 Datasheet HTML 8Page - OKI electronic componets MSM7540 Datasheet HTML 9Page - OKI electronic componets MSM7540 Datasheet HTML 10Page - OKI electronic componets MSM7540 Datasheet HTML 11Page - OKI electronic componets MSM7540 Datasheet HTML 12Page - OKI electronic componets MSM7540 Datasheet HTML 13Page - OKI electronic componets MSM7540 Datasheet HTML 14Page - OKI electronic componets MSM7540 Datasheet HTML 15Page - OKI electronic componets MSM7540 Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
MSM7540/7560
¡ Semiconductor
FEDL7540-03
Digital Output
Delay Time
tSDX
50
—
200
tSDR
50
—
200
tXD1, tRD1
50
—
200
tXD2, tRD2
50
—
200
ns
1 LSTTL + 100 pF,
Pull-up: 500 W
PSRRT Noise Freq.
: 0 to 50 kHz
30——
dB
Power Supply Noise
Rejection Ratio
Noise Level
: 50 mVPP
—
PSRRR
tXD3, tRD3
50
—
200
Parameter
Symbol
Level
Min.
Typ.
Max.
Unit
(VDD = 4.5 V to 5.5 V, Ta = –25°C to +70°C)
Freq.
Others
Condition
—
30——
dB
ns
ns
ns
ns
(dBm0)
(Hz)
NIDLT
——
—
–69
(–72)
dBm0p
(dBmp)
NIDLR
——
1020
AVT
0.488
0.548
(*3)
0.615
0
AVR
0.488
0.548
(*3)
0.615
—
–72
(–75)
Idle Channel Noise
AIN = SG
(*1)
(*2)
Vrms
Vrms
GSX2
Absolute Signal
Amplitude
VFRO
(*1)
—
—
AC Characteristics (Continued)
*1 Use the P-message weighted filter
*2 PCMRI input code
"11010101"(MSM7540)
"11111111"(MSM7560)
*3 0.548 Vrms = 0 dBm0= –3 dBm
Note: All ADPCM coder and decoder characteristics comply with ITU-T Recommendation
G.721.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com