Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC190 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC190
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC190 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC190 Datasheet HTML 1Page - Renesas Technology Corp HVC190 Datasheet HTML 2Page - Renesas Technology Corp HVC190 Datasheet HTML 3Page - Renesas Technology Corp HVC190 Datasheet HTML 4Page - Renesas Technology Corp HVC190 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC190
Rev.1.00 Dec 22, 2004 page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
10
-3
10
-5
10
-7
10
-9
10
-11
10
-1
010
40
30
20
50
1.0
1.0
0.1
0.1
10
-4
10
-3
10
-2
10
-1
1.0
10
10
2
10
3
10
4
f = 100MHz
0.01
100
10
10
f=1MHz
10
-7
10
-8
10
-9
10
-10
10
-11
10
-12
10
-13
10
-14
Reverse voltage VR (V)
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Fig.3 Capacitance vs. Reverse voltage
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.4 Forward resistance vs. Forward current
Forward current IF (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com