Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIR6N90FG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR6N90FG
Description  900V N-Channel MOSFET-T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR6N90FG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR6N90FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR6N90FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
900V N-Channel MOSFET-T
Absolute Maximum Ratings (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
900
V
ID
Drain Current
Tj=25℃
6.0
A
Tj=100℃
3.9
VGS(TH)
Gate Threshold Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note1)
300
mJ
IAR
Avalanche Current (note2)
6.0
A
PD
Power Dissipation (Tj=25℃)
56
W
Tj
Junction Temperature(Max)
150
℃
Tstg
Storage Temperature
-55~+150
℃
TL
Maximum lead temperature for soldering purpose,1/8” from
case for 5 seconds
300
℃
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance,Junction to Case
-
2.23
℃/W
RθJA
Thermal Resistance,Junction to Ambient
-
120
℃/W
Features:
□ Low Intrinsic Capacitances.
□ Excellent Switching Characteristics.
□ Extended Safe Operating Area.
□ Unrivalled Gate Charge :Qg=30nC (Typ.).
□ BVDSS=900V,I
D=6A
□ R
DS(on) : 2.1Ω (Max) @VG=10V
□ 100% Avalanche Tested
FIR6N90FG
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/8
YAWW
G
D
S
S
G
D
Marking Diagram
A
= Assembly Location
Y
= Year
WW
= Work Week
= Specific Device Code
FIR6N90F
PIN Connection
TO-220F
FIR6N90F
g
Schematic dia ram


Similar Part No. - FIR6N90FG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR6N10LTG FOSTER-FIR6N10LTG Datasheet
7Mb / 7P
GenerAL Description
FIR6N40BPG FOSTER-FIR6N40BPG Datasheet
2Mb / 9P
400V N-Channel MOSFET
FIR6N40FG FOSTER-FIR6N40FG Datasheet
2Mb / 8P
400V N-Channel MOSFET -T
FIR6N40LG FOSTER-FIR6N40LG Datasheet
2Mb / 9P
400V N-Channel MOSFET
FIR6N60BPG FOSTER-FIR6N60BPG Datasheet
4Mb / 10P
N-Channel Power MOSFET
More results

Similar Description - FIR6N90FG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMB2N90 KERSEMI-KSMB2N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N90Z SEMIHOW-HFH10N90Z Datasheet
250Kb / 10P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
FIR4N90FG FOSTER-FIR4N90FG Datasheet
2Mb / 8P
900V N-Channel MOSFET-T
FIR9N90AFG FOSTER-FIR9N90AFG Datasheet
2Mb / 8P
900V N-Channel MOSFET-T
FIR9N90APG FOSTER-FIR9N90APG Datasheet
2Mb / 8P
900V N-Channel MOSFET-T
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
SLW9N90C MAPLESMI-SLW9N90C Datasheet
173Kb / 6P
900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com