Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP117ME Datasheet(PDF) 2 Page - Seme LAB

Part # IP117ME
Description  0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP117ME Datasheet(HTML) 2 Page - Seme LAB

  IP117ME Datasheet HTML 1Page - Seme LAB IP117ME Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to
heating effects are covered under thermal regulation specifications.
2) Test Conditions unless othewise stated:
VIN – VOUT = 5V , TJ = 25°C , IOUT = 0.1A , PMAX = 10W , IMAX = 0.5A
VMAX = 40V for standard series , 60V for HV series.
1.238
1.25
1.262
1.220
1.250
1.270
0.005
0.010
0.010
0.020
515
0.1
0.3
15
50
0.3
1
0.002
0.020
65
66
80
50
100
0.2
5
3.5
5
3.5
7
0.50
0.80
0.15
0.20
0.30
12
0.3
1
0.001
13
1.200
1.250
1.300
0.010
0.020
0.020
0.050
515
0.1
0.3
20
50
0.3
1
0.030
0.070
65
66
80
50
100
0.2
5
3.5
5
3.5
7
0.50
0.80
0.15
0.20
0.30
1
0.3
1
0.001
13
IP117MAHV
IP117MHV , IP117M
IP117MA
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
VREF
Reference Voltage
∆V
OUT
Line Regulation 1
∆V
IN
∆V
OUT
Load Regulation 1
∆I
OUT
Thermal Regulation
Ripple Rejection
IADJ
Adjust Pin Current
∆I
ADJ
Adjust Pin Current
Change
IMIN
Minimum Load
Current
ICL
Current Limit
∆V
OUT Temperature
∆TEMP Stability
∆V
OUT
Long Term Stability
∆TIME
en
RMS Output Noise
(% of VOUT)
RθJC
Thermal Resistance
Junction to Case
IOUT = 10mA
IOUT = 10mA to IMAX
VIN – VOUT = 3V to VMAX
P
≤ P
MAX
TJ = –55 to +150°C
VIN – VOUT = 3V to VMAX
TJ = –55 to +150°C
IOUT = 10mA to IMAX
VOUT ≤ 5V
VOUT ≥ 5V
IOUT = 10mA to IMAX
VOUT ≤ 5V
TJ = –55 to +150°C
VOUT ≥ 5V
tp = 20ms
CADJ = 0
VOUT = 10V
CADJ = 10µF
f = 120Hz
TJ = –55 to +150°C
TJ = –55 to +150°C
IOUT = 10mA to IMAX
TJ = –55 to +150°C
VIN – VOUT = 2.5V to VMAX
VIN – VOUT = 40V
TJ = –55 to +150°C
VIN – VOUT = 60V (HV SERIES)
TJ = –55 to +150°C
VIN – VOUT ≤ 15V
TJ = –55 to +150°C
VIN – VOUT = 40V
VIN – VOUT = 60V (HV SERIES)
TJ = –55 to +150°C
TA = +125°C
t = 1000 Hrs
f = 10 Hz to 10 kHz
LCC4 Package
V
V
% / V
mV
%
mV
%
%/W
dB
dB
µA
µA
mA
A
A
%
%
%
°C/W
IP117MAHVE
IP117MHVE
IP117MAE
IP117MEA
Document Number 5383
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com