Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7013P3 Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA7013P3
Description  Hall Effect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7013P3 Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA7013P3 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7013P3 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7013P3 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7013P3 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7013P3 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7013P3 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7013P3 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
MA7013
Major Power Technology Co., Ltd.
Rev.1.1 Nov.16, 2017
ELECTRICAL CHARACTERISTICS
(VDD = 12V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min Typ Max Units
Supply Voltage
VDD
Operating
2.5
-
26
V
Supply current
IDD
Operating
-
2.5 3.5
mA
Output Leakage Current
IOFF
VOUT=12V
- < 0.1 10
μA
Output Saturation Voltage
Vds(sat)
IOUT=20mA
-
0.3
-
V
Chopper frequency(note2)
fosc
50
kHz
Magnetic
(1mT=10 Gauss)
Operate Point
BOPS
50
85 110 Gauss
Operate Point
BOPN
-110 -85 -50 Gauss
Release Point
BRPS
30
60
90 Gauss
Release Point
BRPN
-90 -60 -30 Gauss
Hysteresis
BHYS
-
25
- Gauss
Note2: Not subject to production test, verified by design/characterization.
Note3: The magnetic pole is applied facing the branded side of the SIP3 package
BOPS
BRPS
0
VOUT
B
BOPN
BRPN
N
S
TEST CIRCUIT
MA7013
OUT
GND
VDD
RL
10K
100nF
Note : C1 is for power stabilization and to strengthen the noise immunity. RL is the pull-up resistor.
Active Area Depth
Package Sensor Location
2.0mm
1.15mm
1
2
3
Marking side
S
N
1.45mm
0.8mm
Marking side
N
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com