Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7151FCT Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7151FCT
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7151FCT Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7151FCT Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7151FCT Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
MA7151F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
PIN ASSIGNMENT
The package of MA7151; the pin assignment is given by:
RDER/MARKING INFORMATION
Order Information
Top Marking(SOT)
Package Type
MA7151
Packing
A : Taping
X X
C: SOT23-6L
CT:TSOT23-6L
CP:SOT23-6F
D2:TDFN2X2-6L
Blank: Tube
F=FG
R=RD
X
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 6 = 2016
ID Code: Internal
b Y W X
MA7151F=Hb,MA7151R=Hc
Top Marking (TDFN)
H b
Week: 01~26(A~Z)
27~52(a~z)
Year : 6 = 2016
ID Code: Internal
Y W X
MA7151F=Hb,MA7151R=Hc
A BSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
-7 to 7
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
500
mA
Hold
800
Peak (start up)
1000
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
225
°C/W
Recommended Operating Conditions (TA=25 °C)
Supply Voltage
VCC
1.8 to 5.5
V
Junction Temperature
TJ
150
°C
Operating Temperature
TO
-40 to 125
°C
(Top View)
1
2
3
4
5
OUT2
PWM
FG/RD
GND
OUT1
6
VDD
1
2
3
4
6
FG/RD
OUT1
GND
OUT2
VDD
5
PWM
GND
TDFN-6L(2x2)
SOT
Name
Description
FG/RD
Frequency Generation /
Rotation Detection
(open drain output)
GND
Ground.
OUT2
Output 2
OUT1
Output 1
VDD
Supply Voltage
PWM
PWM Signal Input Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com