Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2001 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA2001
Description  1.4A Boost for White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2001 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA2001 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
MA2001
Major Power Technology Co., Ltd.
Rev.1.1
Jan.10, 2014
EN Pin sink Current
IIH
-
1
-
A
Switching Frequency
FOSC
0.75
1
1.25 MHz
N-Channel MOSFET
Current Limit (Note1)
CL
-
1.4
-
A
CL
Duty on 50%
-
1.9
-
A
Switching Maximum Duty
Dmax
-
92
-
%
Dimming clock rate
0.2
-
200
KHz
N-Switch RDS(ON)
RDS(ON)-N Vin=3.6V
-
0.5
1.0
Thermal Shutdown
TSD
-
155
-
°C
Thermal Shutdown
Protection hysteresis
TSH
-
25
-
°C
N
ote1: Guaranteed by design.
APPLICATION CIRCUIT
FUNCTION DESCRIPTION
Setting the ILED Current
Application circuit item shows the basic application circuit with MA2001 adjustable
output version. The external resistor sets the LED output current according to the
following equation:
ILED
RSET
20mA
15
6mW
350mA
0.857
105mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com