Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2003 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA2003
Description  1.2MHz, High Voltage, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2003 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA2003 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2003 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
MA2003
Major Power Technology Co., Ltd.
Rev.1.0
Oct.11, 2014
SW Leakage Current
ISWL VSW = 28V, VFB =1.5V
-
-
1
µA
EN high-level input voltage
VIH
1.4
-
-
V
EN low-level input voltage
VIL
-
-
0.4
V
EN Hysteresis
hys
-
200
-
mV
Thermal Shutdown
TDS
-
150
-
°C
Thermal Shutdown Hysteresis
TSH
-
35
-
°C
APPLICATION CIRCUIT
1. VOUT < 18V
R1
54K
VIN=5V
C1
2.2uF
L1
4.7uH
R2
470K
VOUT=12V
U1
4
5
3
1
VCC
EN
FB
GND
SW
C2
2.2uF
D1
B240A
R1 Suggest 300K~850K
2
R1
R2
VOUT = 1.238V X (1 + ------- )
R3
0.1uF
C3
100K
2. VOUT >= 18V
R1
39K
VIN=5V
C1
2.2uF
L1
2.2~4.7uH
R2
720K
VOUT=24V
U1
4
5
3
1
VCC
EN
FB
GND
SW
C2
2.2uF
D1
B240A
R1 Suggest 300K~850K
2
R1
R2
VOUT = 1.238V X (1 + ------- )
C3
22pF
R3
0.1uF
C3
100K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com