Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2004 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA2004
Description  3A 750KHz Asynchronous Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2004 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA2004 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
MA2004
Major Power Technology Co., Ltd.
Rev.1.0 Apr/15, 2015
APPLICATION CIRCUIT
1. EC ( Recommend Circuit )
2. MLCC
Figure 3. Typical Application Circuit
The MA2004 uses a 750KHz fixed-frequency, current-mode regulation architecture to
regulate the output voltage. The MA2004 measures the output voltage through an external
resistive voltage divider and compares that to the internal 0.6V reference to generate the
error voltage. The current-mode regulator compares the error voltage to the inductor current
to regulate the output voltage. The use of current-mode regulation improves transient
response and control loop stability.
At the beginning of each cycle, the N-Channel MOSFET switch is turned on, forcing the
inductor current to rise. The current at the source of the switch is internally measured and
converted to a voltage by the current sense amplifier. That voltage is compared to the
error voltage. When the inductor current rises sufficiently, the PWM comparator turns off the
switch, forcing the inductor current to the output capacitor through the SBD, which forces
the inductor current to decrease. The peak inductor current is controlled by the error
voltage, which in turn is controlled by the output voltage. Thus the output voltage controls
the inductor current to satisfy the load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com