Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2004C Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA2004C
Description  3A 750KHz Asynchronous Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2004C Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA2004C Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
MA2004
Major Power Technology Co., Ltd.
Rev.1.0 Apr/15, 2015
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Vin pin voltage
VIN
-0.3 to 6.0
V
EN,OC,FB pin voltage
-0.3 to VIN+0.3
V
SW pin voltage
VSW
Internal limit
V
Continuous Power Dissipation
PD
( TJ-TA) / θJA
mW
Operating Junction Temperature
Top
-40 to 125
°C
Storage Temperature Range
-65 to 150
°C
Thermal Resistance from Junction to case
θJC
180
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper are (need connect to LX) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, VEN =3.6V, VOUT = 5V, TA = 25°C)
Characteristics
Symbol Conditions
Min Typ Max Units
Input Voltage Range
VIN
2.8
-
5.5
V
Input UVLO
UVLO
2.4 2.6 2.75
V
Quiescent Current
ICCQ VFB = 1.3V
-
300
-
μA
Shutdown Current
ISD
VEN = 0V
-
1
3
μA
FB Pin Voltage
VFB
0.588 0.6 0.612 V
Load Regulation
0A < IOUT<1A
-
0.5
-
%
Line Regulation
2.8V<VIN<4.5V
-
0.5
-
%/V
EN Pin Voltage High
VENH
1.4
-
-
V
EN Pin Voltage Low
VENL
-
-
0.6
V
EN Pin Leakage Current
VEN = 3V
-
0.1
1
μA
Switching Frequency
FOSC
-
750
-
KHz
Programmable Switching Current Limit
CL
Roc=15k
-
2.6
-
A
Switching Maximum Duty
Dmax
-
65
-
%
Minimum Duty
Dmin
0
-
-
%
N-Switch RDS(ON) (Note1)
RDS(ON)-N
-
70
-
mΩ
Thermal Shutdown
TSD
-
155
-
°C
Thermal Shutdown Protection hysteresis
TSH
-
30
-
°C
Note1: Guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com