Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2009 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA2009
Description  1.2MHz 2A, High Voltage, Boost Converte
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2009 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA2009 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
MA2009
Major Power Technology Co., Ltd.
Rev 1.0 Sep. 14, 2016
APPLICATION CIRCUIT
R1
20K
VIN=5V
C1
22uF
L1
4.7uH
R2
380K
VOUT=12V
U1
4
5
3
1
VIN
EN
FB
GND
SW
C2
22uF
D1
B340A
2
OUT
R3
100K
FUNCTION DESCRIPTION
The MA2009 uses a fixed frequency, peak current mode boost regulator architecture to
regulate voltage at the feedback pin. The operation of the MA2009 can be understood by
referring to the block diagram of Block Diagram item. At the start of each oscillator cycle the
MOSFET is turned on through the control circuitry. To prevent sub-harmonic oscillations at
duty cycles greater than 50 percent, a stabilizing ramp is added to the output of the current
sense amplifier and the result is fed into the negative input of the PWM comparator. When
this voltage equals the output voltage of the error amplifier the power MOSFET is turned off.
The voltage at the output of the error amplifier is an amplified version of the difference
between the 0.6V band-gap reference voltage and the feedback voltage. In this way the
peak current level keeps the output in regulation. If the feedback voltage starts to drop, the
output of the error amplifier increases. These results in more current to flow through the
power MOSFET, thus increasing the power delivered to the output. The MA2009 has
internal soft start to limit the amount of input current at startup and to also limit the amount
of overshoot on the output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com