Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5601ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5601ESA
Description  38V Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5601ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5601ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5601ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5601ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5601ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5601ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5601ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5601ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA5601
Major Power Technology Co., Ltd.
Rev.1.3
Apr. 12, 2017
38V Synchronous Buck Converter
GENERAL DESCRIPTION
The MA5601 is a monolithic synchronous buck regulator. The device integrates two internal
power MOSFETs, and provides 2.5A of continuous load current over a wide input voltage of 8V
to 38V. Current mode control provides fast transient response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, This device, available in
SOP8L-EP(Exposed pad) package, provides a very compact solution with minimal external
components.
FEATURES
- Wide 8V to 38V Operating Input Range
- Integrated 140m
Ω Power MOSFET Switches
- Output Adjustable from VFB(1.00V±2%) to 20V
- Up to 93% Efficiency
- Internal Soft-Start and Fixed 160KHz Frequency
- Stable with Low ESR Polymer Al-E-Capacitors
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
IN
EN
VDD
GND
BS
SW
FB
COMP
INPUT 8V~38V
C1
R4
100kΩ
C5
100nF
L1
R1
40kΩ
R2
10kΩ
C2
OUTPUT
5V 2.4A
C3
R3
C4
0.1 F
C6
0.1 F
MA5601
R5
24Ω
3.3nF
15kΩ
PAD
D1
SS34
C7
C8
CFB
3.3nF
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 1k~30k
Ω


Similar Part No. - MA5601ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ESA MPOWER-MA5602ESA Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
Synchronous Buck for LED Driver
MA5603ES MPOWER-MA5603ES Datasheet
412Kb / 9P
Synchronous Buck for LED Driver
More results

Similar Description - MA5601ESA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
EC9303 E-CMOS-EC9303 Datasheet
230Kb / 8P
38V 5A Synchronous Buck Converter
logo
Linear Technology
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5620 MPOWER-MA5620 Datasheet
291Kb / 8P
38V Synchronous Buck Controller
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com