Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5602ES Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5602ES
Description  38V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5602ES Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5602ES Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5602ES Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
MA5602
Major Power Technology Co., Ltd.
Rev.1.5
Apr. 11, 2017
PIN ASSIGNMENT
The package of MA5602 is SOP8L-EP(Exposed pad); the pin assignment is given by:
Name
Description
BS
Boot-Strap Pin. Supply high side gate driver. Decouple this pin to LX pin with 24ohm +
0.1uF ceramic cap.
IN
Power Input pin. Bypass IN to GND with a suitably large capacitor to eliminate noise on the
input to the IC.
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load.
GND
Ground.
PAD
Ground (Connect to GND).
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage.
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop.
SEN1
The Current Sense Input (-) pin.
SEN2
The Current Sense Input (+) pin = VOUT.
ORDER/MARKING INFORMATION
Order Information
Top Marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com