Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5603ES Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5603ES
Description  Synchronous Buck for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5603ES Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5603ES Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5603ES Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
MA5603
Major Power Technology Co., Ltd.
Rev.1.4
Aug 24, 2016
PIN ASSIGNMENT
The package of MA5603 is SOP8L-EP(Exposed pad); the pin assignment is given by:
Name
Description
BS
Boot-Strap Pin. Supply high side gate driver. Decouple this pin to LX pin with 24ohm +
0.1uF ceramic cap.
IN
Power Input pin. Bypass IN to GND with a suitably large capacitor to eliminate noise on
the input to the IC.
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load.
GND
Ground.
PAD
Ground (Connect to GND).
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage.
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect
a series RC network from COMP to GND to compensate the regulation control loop.
EN
Enable control. Pull high to turn on. Do not float.
VDD
Internal regulator pin
RDER/MARKING INFORMATION
Order Information
Top Marking (SOP-8L)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com