Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5604ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5604ESA
Description  Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5604ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5604ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5604ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5604ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5604ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5604ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5604ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5604ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA5604
Major Power Technology Co., Ltd.
Rev.1.3
Apr.12, 2017
38V 5A Synchronous Buck Converter
GENERAL DESCRIPTION
The MA5604 is a monolithic synchronous buck regulator. The device integrates internal high
side and external low side power MOSFETs, and provides 5A of continuous load current over a
wide input voltage of 8V to 38V. Current mode control provides fast transient response and
cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, This device available in SOP8L-EP
(Exposed pad) package, provides a very compact solution with minimal external components.
FEATURES
- Wide 8V to 38V Operating Input Range
- Integrated 80m
Ω high side Power MOSFET Switches
- Output Adjustable from VFB(1V) to 20V
- Up to 95% Efficiency
- Internal Soft-Start
- Stable with Low ESR Polymer Al-E-Capacitors
- Fixed 160KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
IN
EN
VDD
LG
BS
SW
FB
COMP
INPUT
C7
10
R4
100kΩ
C5
100nF
L1
33
μH
R1
40kΩ
R2
10kΩ
C8
22
μF
10V
OUTPUT
5V 5A
C3
R3
C4
0.1
μF
C6
0.1 F
MA5604
R5
0Ω
3.3nF
15kΩ
PAD(GND)
C2
470
μF
10V
Q1
NMOS
C1
CFB
3.3nF
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 10k~30k
Ω


Similar Part No. - MA5604ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results

Similar Description - MA5604ESA

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Texas Instruments
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
Dual Synchronous Buck Converter
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com