Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5605ESA Datasheet(PDF) 7 Page - Major-Power Technology Co., LTD.

Part # MA5605ESA
Description  36V 4.5A Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5605ESA Datasheet(HTML) 7 Page - Major-Power Technology Co., LTD.

  MA5605ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
MA5605
Major Power Technology Co., Ltd.
Rev.1.2 Apr. 12, 2017
TYPICAL CHARACTERISTICS
Power On: VIN = 12V, VOUT = 5V, ILOAD = 0A
Power On: VIN = 12V, VOUT = 5V, ILOAD = 4A
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=ISW
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=IOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com