Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA6001 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA6001
Description  Dual 1.5A 1.5MHz Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6001 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA6001 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6001 Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
MA6001
Major Power Technology Co., Ltd.
Rev.1.0
Aug.28, 2015
ELECTRICAL CHARACTERISTICS
(
VIN = 5V, VEN = 5V, VOUT = 3.3V, TA=25°C)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Channel 1 and Channel 2
Input Voltage Range
VIN
2.5
-
5.5
V
Input UVLO
UVLO
IOUT=0A
1.8
2.2
2.5
V
Input OVLO
OVLO
IOUT=0A
-
6.0
-
V
Quiescent Current
(per channel)
IQ
IOUT=0mA, VFB=1V
-
250
350
μA
Shutdown Current
ISD
VEN1= VEN2=0V
-
0.1
1
μA
Feedback Voltage
VFB
0.588 0.600 0.612
V
Load Regulation
0A < IOUT<1.5A
-
0.6
-
%
Line Regulation
2.5V<VIN<5.5V
-
0.3
-
%/V
FB Input Current
IFB
VFB = VIN
-50
-
50
nA
P-Switch RDS(ON)
RDS(ON)_P IOUT= 500mA
-
0.17
-
Ω
N-Switch RDS(ON) (Note1)
RDS(ON)_N IOUT= 500mA (Note)
-
0.13
-
Ω
Low Side Discharger
-
60
-
Ω
P-Channel Current Limit
ILIM_P
1.7
2.2
-
A
EN High-Level Input Voltage
VEN_H
1.5
-
-
V
EN Low-Level Input Voltage
VEN_L
-
-
0.4
V
Oscillator Frequency
fOSC
LX Pin
1.1
1.5
1.9
MHz
Maximum Duty Cycle
VFB=0.5V
100
-
-
%
Thermal Shutdown
Temperature
TSD
-
155
-
°C
Thermal Shutdown
Hysteresis
TSH
-
30
-
°C
Note: Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com