Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7152RC Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA7152RC
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7152RC Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA7152RC Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7152RC Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
MA7152F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
PERFORMANCE CHARACTERISTICS
TA (C)
25
50
60
70
80
85
90
95
100
PD (mW)
550
440
396
352
308
286
264
242
220
TA (C)
105
110
115
120
125
130
135
140
150
PD (mW)
198
176
154
132
110
88
66
44
0
Functional Descriptions
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the
analog blocks. These references guarantee proper operation of the IC under all conditions
specified in this specification.
Oscillator
The built-in oscillator provides the clock signal for the digital control logics
Power-on Reset
Used to detect the power-up ramp and reset the digital circuits.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design.
Use of this structure dynamically removes both the offset and flicker noise at the same time.
PWM control
PWM(pulse-width modulation) is used for the speed control. 2 types of PWM input signals can be
used :



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com