Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7152FCP Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA7152FCP
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7152FCP Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA7152FCP Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7152FCP Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
MA7152F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
Low Noise & Low voltage
Single-Coil Fan/Motor Driver
GENERAL DESCRIPTION
The MA7152 is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device includes an on-chip Hall sensor for magnetic
sensing, an amplifier that amplifies the Hall voltage, a comparator to provide switching
hysteresis for noise rejection, a bi-directional drivers for sinking and driving large current load.
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if
the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This
function repeats while rotor is blocked. Until the blocking is removed, the motor recovers
running normally.
FEATURES
- On-Chip High sensitivity Hall-effect Sensor
- Operating Voltage: 1.8V to 5.5V
- H-Bridge Output Drivers for Single Coil
- Thermal Shutdown and Reverse voltage Protection
- Low Output Switching Current Noise
- -40°C to 125°C Operating Temperature
- Rotor-locked shutdown and automatically restart function
- For 3V and 5V DC Motor / FAN systems
- Low Profile SOT23-6L , SOT23-6F and VDFN 2X2-6L Package
BLOCK DIAGRAM
Hall
Plate
Control
Logic
Regulator
H-bridge
MOS
Driver
PWM
OUT2
OUT1
Amp.
GND
Thermal
shutdown
Rotor-locked
shutdown and
automatically restart
PWM
Control
VDD
FG/RD


Similar Part No. - MA7152FCP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA715 PANASONIC-MA715 Datasheet
64Kb / 3P
Silicon epitaxial planar type
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7150FB MPOWER-MA7150FB Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7150FBA MPOWER-MA7150FBA Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7150FP MPOWER-MA7150FP Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results

Similar Description - MA7152FCP

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US168 MELEXIS-US168 Datasheet
624Kb / 13P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
Low Voltage Voice Coil Motor Driver
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
24V Low Noise Two-Coil Fan Driver
US168 MELEXIS-US168_14 Datasheet
1Mb / 13P
Low Noise & Low voltage Single-Coil Fan & Motor Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
Low Noise & Low Noise & Single-Coil Fan & Motor Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
24V Low Noise Two-Coil Fan Driver
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com