Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7152RCP Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA7152RCP
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7152RCP Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA7152RCP Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7152RCP Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
MA7152F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
ELECTRICAL CHARACTERISTICS
(VDD = 5V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Average Supply Current
IDD
3V,No load
-
2.2
3.5
mA
Average Supply Current
IDD
5V,No load
-
3.6
5
mA
On resistance(RPMOS+RNMOS)
RDS(ON) 5V,400mA
-
0.8
1.4
Ω
On resistance(RPMOS+RNMOS)
RDS(ON) 3V,200mA
-
1.0
1.8
Ω
FG Output Low Voltage
5V,5mA
-
0.3
0.5
V
Output Switching Slope Duration
TSW
3V
-
200
-
uS
Output Switching Slope Duration
TSW
5V
-
160
-
uS
PWM Input H Level
VPWMH
0.5VDD
-
VDD
V
PWM Input L Level
VPWML
0
-
0.14VDD
V
PWM Input Frequency
FPWM
0.2
-
30
KHz
Locked Protection On
Tlrp-on
-
0.45
-
Sec
Locked Protection Off
Tlrp-off
-
2.7
-
Sec
Thermal Shutdown Threshold
TSHUT
150
-
-
°C
Magnetic
(1mT=10 Gauss)
Operating Point
BOP
5
20
40
Gauss
Releasing Point
BRP
-40
-20
-5
Gauss
Hysteresis
BHYS
-
40
-
Gauss
Note: Guaranteed by design.
Driver output vs. magnetic pole
Characteristics
Test Conditions
OUT1
OUT2
North pole
B < Brp
High
Low
South pole
B > Bop
Low
High
Note: The magnetic pole refer to diagram
Bop
Brp
0
OUT2
V
Bop
Brp
0
OUT1
V
B
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com