Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TBD
Description  2.4GHz WLAN/BT LTE Co-Existence Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TBD Datasheet(HTML) 2 Page - Qorvo, Inc

  TBD Datasheet HTML 1Page - Qorvo, Inc TBD Datasheet HTML 2Page - Qorvo, Inc TBD Datasheet HTML 3Page - Qorvo, Inc TBD Datasheet HTML 4Page - Qorvo, Inc TBD Datasheet HTML 5Page - Qorvo, Inc TBD Datasheet HTML 6Page - Qorvo, Inc TBD Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
885067
2.4GHz WLAN/BT LTE Co-Existence Filter
885067 DS20180731 REV E | Subject to change without notice
2 of 7
www.qorvo.com
Absolute Maximum Ratings
Parameter
Conditions
Storage Temperature (1)
-40 to +85°C
Operable Temperature (2)
-30 to +85°C
Absolute Maximum Input Power (3)
+36 dBm
Notes:
1. Operation of this device outside the parameter ranges given may cause permanent damage.
2. Specifications are not guaranteed over all operable conditions.
3. Max CW signal applied for up to 500 msec with no damage
Electrical Specifications(1,4)
Conditions unless otherwise noted: Device Temperature = -30°C to +85°C.
Parameter
Conditions
Min.
Typ (+25
°C)
Max
Units
Insertion Loss (2)
2402.5
– 2421.5 MHz (WiFi Ch.1)
2407.5
– 2426.5 MHz (WiFi Ch.2)
2412.5
– 2471.5 MHz (WiFi Ch.3-11)
2457.5
– 2476.5 MHz (WiFi Ch.12)
2462.5
– 2481.5 MHz (WiFi Ch.13)
-
1.4
1.2
1.2
1.3
1.5
1.7
1.5
1.5
1.6
2.0
dB
Passband Ripple
2402.5
– 2421.5 MHz (WiFi Ch.1)
2407.5
– 2426.5 MHz (WiFi Ch.2)
2412.5
– 2471.5 MHz (WiFi Ch.3-11)
2457.5
– 2476.5 MHz (WiFi Ch.12)
2462.5
– 2481.5 MHz (WiFi Ch.13)
-
1.0
0.75
0.7
0.6
1.0
1.4
1.0
1.1
1.4
2.1
dB
Rejection/Attenuation
925
– 960 MHz
30
33.0
-
dB
1559
– 1606 MHz
32
34.0
-
dB
2110
– 2170 MHz
44
47.0
-
dB
2300
– 2370 MHz (3)
35
39.0
-
dB
2500
– 2505 MHz (+25 to +85˚C) (3)
2500
– 2505 MHz (-30 to +25˚C) (3)
30
19
36.0
28.0
-
dB
2505
– 2570 MHz (+25 to +85˚C) (3)
2505
– 2570 MHz (-30 to +25˚C) (3)
45
40
50.0
44.0
-
dB
2570
– 2620 MHz (3)
47
52.0
-
dB
2620
– 2690 MHz (3)
45
50.0
-
dB
4800
– 5000 MHz
30
34.0
-
dB
7200
– 7500 MHz
30
33.0
-
dB
VSWR, In & Out
2402.5
– 2481.5 MHz
-
1.8
2.1:1
-
RF Input Power(5)
2400
– 2483 MHz
24
dBm
Notes:
1.
In production, devices will be tested at room temperature to a guard-banded specification to ensure electrical compliance over temperature
2.
Data is the integrated value of the linear s-parameter over the indicated band at the specified temperature.
3.
Data is the integrated value of the linear s-parameter over 5MHz range at the specified temperature.
4.
An external impedance matching network with ±2% tolerance will be necessary to achieve the stated specifications. This is the optimum impedance in order to
achieve the performance shown
5.
Input power applied for a minimum of 5,000 hrs at 55°C in the frequency band specified.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com