Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4844 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4844 Datasheet HTML 7Page - National Semiconductor (TI) LM4844 Datasheet HTML 8Page - National Semiconductor (TI) LM4844 Datasheet HTML 9Page - National Semiconductor (TI) LM4844 Datasheet HTML 10Page - National Semiconductor (TI) LM4844 Datasheet HTML 11Page - National Semiconductor (TI) LM4844 Datasheet HTML 12Page - National Semiconductor (TI) LM4844 Datasheet HTML 13Page - National Semiconductor (TI) LM4844 Datasheet HTML 14Page - National Semiconductor (TI) LM4844 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Application Information
TABLE 1. Chip Address
A7
A6
A5
A4
A3
A2
A1
A0
Chip Address
111110
EC
0
ADR = 0
1111100
0
ADR = 1
1111101
0
EC - externally configured by ADR pin
TABLE 2. Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
Mono Volume control
0
0
0
MD4
MD3
MD2
MD1
MD0
Left Volume control
0
1
LD5
LD4
LD3
LD2
LD1
LD0
Right Volume control
1
0
RD5
RD4
RD3
RD2
RD1
RD0
Mode control
1
1
CD5
0
CD3
CD2
CD1
CD0
20153524
FIGURE 2. I
2C Timing Diagram
20153525
FIGURE 3. I
2C Bus Format
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com