Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U5DN Datasheet(PDF) 19 Page - Nuvoton Technology Corporation

Part # N32905U5DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U5DN Datasheet(HTML) 19 Page - Nuvoton Technology Corporation

Back Button N32905U5DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905U5DN Datasheet HTML 23Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
19
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
4.
PIN DESCRIPTION
4.1
Pin Description & Cross Reference
Pin Name
I/O
Type
Description
Clock & Reset
XIN
I
27MHz/12MHz Crystal Input
●
●
●
●
●
●
●
XOUT
O
27MHz/12MHz Crystal Output
●
●
●
●
●
●
●
RST_
IOSU
System Reset, Input, Low Active
Watch-Dog Reset, Output, Low Active
●
●
●
●
●
●
●
JTAG Interface
TCK
IOD
JTAG Interface Test Clock, Input
●
●
●
●
●
SPI1_CS1_
SPI Port 1 Device Select 1, Output, Low
Active
PWM0
PWM Channel 0
GPD[0]
GPIO Port D Bit 0
TMS
IOU
JTAG Interface Test Mode Select, Input
●
●
●
●
●
●
●
HUR_TXD
High-Speed UART TX Data, Output
PWM1
PWM Channel 1
GPD[1]
GPIO Port D Bit 1
TDI
IOU
JTAG Interface Test Data In, Input
●
●
●
●
●
●
●
HUR_RXD
High-Speed UART RX Data, Input
PWM2
PWM Channel 2
GPD[2]
GPIO Port D Bit 2
TDO
IOU
JTAG Interface Test Data Out, Output
●
●
●
●
●
HUR_CTS
High-Speed UART Clear-To-Send, Input,
Low Active
PWM3
PWM Channel 3
GPD[3]
GPIO Port D Bit 3
TRST_
IOU
JTAG Interface Test Reset, Input, Low
Active
●
●
●
●
●
HUR_RTS
High-Speed UART Reset-To-Send, Output,
Low Active
SPI0_CS1_
SPI Port 0 Device Select 1, Output, Low
Active
GPD[4]
GPIO Port D Bit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com