Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST22L096 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST22L096
Description  Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22L096 Datasheet(HTML) 3 Page - STMicroelectronics

  ST22L096 Datasheet HTML 1Page - STMicroelectronics ST22L096 Datasheet HTML 2Page - STMicroelectronics ST22L096 Datasheet HTML 3Page - STMicroelectronics ST22L096 Datasheet HTML 4Page - STMicroelectronics ST22L096 Datasheet HTML 5Page - STMicroelectronics ST22L096 Datasheet HTML 6Page - STMicroelectronics ST22L096 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ST22L032, L064, L096, L128
DESCRIPTION
The ST22Lxxx is a member of the SmartJ™ plat-
form using a 32-bit Reduced Instruction Set Com-
puter (RISC) core to execute both Native RISC
instructions and JavaCard™ 2.x Technology in-
struction (byte codes) directly(See Figure 2.
"SmartJ™ Platform EEPROM Architecture", on
page 3).
Direct JavaCard™ byte code execution provides
high performance advantage over processors that
emulate the JavaCard™ byte code instruction set.
The product features a 24-bit wide linear address-
ing capability and includes User ROM, User RAM,
and User EEPROM.
Memory and Peripheral accesses are controlled
by a Memory Protection Unit that allows to imple-
ment firewalls between applications.
Memories are accessed via two different buses,
allowing simultaneous accesses to code and data.
Memory load and stores can be performed at byte,
short (2-bytes), or word (4-bytes) granularity, with
optional pointer auto increment.
The ST22 core includes dedicated instructions to
accelerate performances of the following algoriths:
–
DES and Triple DES
–
Modular Arithmetic on big numbers,
–
Characteristic two field arithmetic to support
efficiently Elliptic Curves,
–
CRC 16-bit ISO 3309.
The product has clock and power management, 2
User configurable Timers, a Central Interrupt Con-
troller and a Random Number Generator.
Figure 2. SmartJ™ Platform EEPROM Architecture
POWER MANAGEMENT
32-bit
RISC
CORE
CLOCK MANAGEMENT
MPU
RAM
BUS 2
BUS 1
PERIPHERALS
ISO
7816
ROM
EEPROM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com