Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA34 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # KA34
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

KA34 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  KA34 Datasheet HTML 1Page - D+H Mechatronic AG KA34 Datasheet HTML 2Page - D+H Mechatronic AG KA34 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G 503007
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
Brackets are not included and have to be ordered separately.
Supply
24 V DC / ±15 % / 1 A
Duty cycle
30 %
Force of pressure
300 N
Tensile force
300 N
Nominal locking force
2000 N
Service life
20000 double strokes *
OPEN running speed
11.8 mm/s
OPEN running speed ‑ SHEV
12.2 mm/s
CLOSED running speed
11.8 mm/s
Type of protection
IP 32
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +75 °C
Fire resistance
B300 (30 min / 300 °C)
Housing
Aluminium
Surface
Powder‑coated
Colour
White aluminium (~ RAL 9006)
Connection
2.5 m silicone cable
Type
Art. No.
Stroke
Dimension A
Dimension B
Weight
Remark
KA 34/350
26.000.10
350 mm
247.5 mm
421 mm
1.60 kg
KA 34/500
26.000.15
500 mm
322.5 mm
496 mm
1.90 kg
KA 34/600
26.000.20
600 mm
372.5 mm
546 mm
2.20 kg
KA 34/700
26.000.25
700 mm
422.5 mm
596 mm
2.40 kg
KA 34/800
26.000.30
800 mm
472.5 mm
646 mm
2.60 kg
Observe pressure load diagram!
KA 34/1000
26.000.35
1000 mm
576.5 mm
750 mm
3.00 kg
Observe pressure load diagram!
KA‑PLP
26.000.00
Variable equipment possible
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
5014068.18005-1
300
0
0
100 200 300 400 500 600 700
600
800 900
100
200
400
500
Stroke/mm
Permanent
Dimensions
All specifications in mm
Design
* For vertical use, please consult with D+H Sales!
Pressure load diagram
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 02/2018
40
51
173.5
A
B
59



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com