Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFMP1005-R16M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # HFMP1005-R16M
Description  Flat wire Inductor-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

HFMP1005-R16M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  HFMP1005-R16M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. HFMP1005-R16M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
Flat wire Inductor-RoHS
Your Perfect Inductor
www.fengjui.com.tw
Rev.1501
HFMP1005 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(uH)
3. Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=11.50m/m MAX ; B= 10.70m/m MAX ; C=5.00m/m MAX
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
HFMP1005-R16M
0.16±20%
0.51
0.56
58.0
24.0
HFMP1005-R40M
0.40±20%
0.67
0.74
37.0
24.0
HFMP1005-R72M
0.72±20%
1.30
1.43
35.0
22.0
HFMP1005-1R2M
1.2±20%
1.80
1.98
25.0
20.0
HFMP1005-1R8M
1.8±20%
3.50
3.85
18.0
16.0
HFMP1005-2R4M
2.4±20%
4.75
5.23
17.0
14.0
HFMP1005-3R3M
3.3±20%
5.90
6.49
15.0
12.0
HFMP1005-4R2M
4.2±20%
7.10
7.81
14.0
11.0
HFMP1005-5R5M
5.5±20%
10.3
11.33
12.0
10.0
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 50℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping ; Quantity: 800 pieces/reel


Similar Part No. - HFMP1005-R16M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1365 FENGJUI-HFMP1365 Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
HFMP1365-110M FENGJUI-HFMP1365-110M Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
HFMP1365-130M FENGJUI-HFMP1365-130M Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
HFMP1365-150M FENGJUI-HFMP1365-150M Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
HFMP1365-1R3M FENGJUI-HFMP1365-1R3M Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
More results

Similar Description - HFMP1005-R16M

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
XFMRS Inc.
XFHCL35-4R7M XFMRS-XFHCL35-4R7M Datasheet
48Kb / 1P
SMD Flat Wire High Current Inductor
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
MPS Industries, Inc.
H1100 MPSIND-H1100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1365 FENGJUI-HFMP1365 Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com