Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL160808-R12K Datasheet(PDF) 4 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # FL160808-R12K
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

FL160808-R12K Datasheet(HTML) 4 Page - FENGJUI TECHNOLOGY CO., LTD.

  FL160808-R12K Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R12K Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R12K Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R12K Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R12K Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R12K Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R12K Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Ver. 1502
●
Reliability Test
1. Reflow soldering conditions
Pre-heating should be in such a way that the temperature difference between solder and ferrite
surface is limited to 150℃ max.Also cooling into solvent after soldering should be in such a
way that the temperature difference is limited to 100℃ max.
Unenough pre-heating may cause cracks on the ferrite, resulting in the deterioration of product
quality.
Products should be soldered within the following allowable range indicated by the slanted line.
The excessive soldering conditions may cause the corrosion of the electrode, When soldering
isrepeated, allowable time is the accumulated time.
1.1 Reworking with soldering iron
˙Reworking should be limited to only one time.
Note:Do not directly touch the products with the tip of the soldering iron in order to
prevent the crack on the ferrite material due to the thermal shock.
1.2 Solder Volume
Solder shall be used not to be exceed the upper limits as shown below.
Accordingly increasing the solder volume,
the mechanical stress to product is also
increased. Exceeding solder volume may cause the failure of mechanical or electrical
performance.
2. IMPEDANCE
2.1 Impedance shall be measured with HP-4291A impedance analyzer or equivalent system



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com